Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GRM188B11E104MA01 Arkusz danych(PDF) 3 Page - Murata Manufacturing Co., Ltd

Numer części GRM188B11E104MA01
Szczegółowy opis  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM188B11E104MA01 Arkusz danych(HTML) 3 Page - Murata Manufacturing Co., Ltd

  GRM188B11E104MA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM188B11E104MA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM188B11E104MA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM188B11E104MA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM188B11E104MA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM188B11E104MA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM188B11E104MA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM188B11E104MA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM188B11E104MA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Temperature
Compensating Type
High Dielectric
Constant Type
10 Vibration
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Capacitance
Within the specified initial value.
Q or D.F.
Within the specified initial value.
Kind of Vibration
:
A simple harmonic motion
10Hz to 55Hz to 10Hz (1min)
Total amplitude
: 1.5mm
This motion should be applied for a period of 2h in each 3 mutually
perpendicular directions(total of 6h).
11 Substrate
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.1.
Bending test
Capacitance
Within +/-5% or +/-0.5pF
Within +/-10%
Change
(Whichever is larger)
Pressurization method : Shown in Fig.2
Flexure 
   : 1mm
Holding Time
:
5+/-1s
Soldering Method
: Reflow soldering
12 Solderability
95% of the terminations is to be soldered evenly and continuously.
Test Method
:
Solder bath method
Flux
Solution of rojin ethanol 25(wt)%
Preheat
: 80℃ to 120℃ for 10s to 30s
Solder
: Sn-3.0Ag-0.5Cu
Solder Temp.
: 245+/-5℃
Immersion time
: 2+/-0.5s
13 Resistance to
Appearance
No defects or abnormalities.
<GRM03 size min.>
Soldering Heat
Capacitance
Within +/-2.5% or +/- 0.25pF
Within +/-7.5%
Test Method
:
Solder bath method
Change
(Whichever is larger)
Solder
: Sn-3.0Ag-0.5Cu
Solder Temp.
: 270+/-5℃
Q or D.F.
Within the specified initial value.
Immersion time
: 10+/-0.5s
Exposure Time
: 24+/-2h
I.R.
Within the specified initial value.
Preheat
: GRM31 size max.: 120℃ to 150℃ for 1 min
 
GRM32 size    : 100℃ to 120℃ for 1 min
Voltage proof No defects.
and 170℃ to 200℃ for 1 min
· Initial measurement for high dielectric constant type
Perform a heat treatment at 150+0/-10°C for 1h and then
let sit for 24+/-2h at room temperature, then measure.
<GRM02 size only>
Test Method
: Reflow soldering (hot plate)
Solder
: Sn-3.0Ag-0.5Cu
Solder Temp.
: 270+/-5℃
Reflow Time
:
10+/-0.5s
Test Substrate
: Glass epoxy PCB
Exposure Time
: 24+/-2h
Preheat
: 120℃ to 150℃ for 1 min
· Initial measurement for high dielectric constant type
Perform a heat treatment at 150+0/-10°C for 1h and then
let sit for 24+/-2h at room temperature, then measure.
14 Temperature
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Sudden Change Capacitance
Within +/-2.5% or+/- 0.25pF
Within +/-7.5%
Change
(Whichever is larger)
Perform the five cycles according to the four heat treatments
shown in the following table.
Q or D.F.
Within the specified initial value.
I.R.
Within the specified initial value.
Voltage proof No defects.
Exposure Time
: 24+/-2h
· Initial measurement for high dielectric constant type
Perform a heat treatment at 150+0/-10°C for 1h and then
let sit for 24+/-2h at room temperature, then measure.
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
No
Item
Specification
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
Step
Temp.(
C)
Time (min)
1
Min.Operating Temp.+0/-3
30+/-3
2
Room Temp.
2 to 3
3
Max.Operating Temp.+3/-0
30+/-3
4
Room Temp
2 to 3
JEMCGS-0001U
3


Podobny numer części - GRM188B11E104MA01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
GRM188B11E104JA01 MURATA1-GRM188B11E104JA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E104JA01D MURATA1-GRM188B11E104JA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E104JA01J MURATA1-GRM188B11E104JA01J Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E104KA01 MURATA1-GRM188B11E104KA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E104KA01D MURATA1-GRM188B11E104KA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Podobny opis - GRM188B11E104MA01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com