Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GRM188B11E112JA01 Arkusz danych(PDF) 19 Page - Murata Manufacturing Co., Ltd

Numer części GRM188B11E112JA01
Szczegółowy opis  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM188B11E112JA01 Arkusz danych(HTML) 19 Page - Murata Manufacturing Co., Ltd

Back Button GRM188B11E112JA01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
4-3.Correction of Soldered Portion
When sudden heat is applied to the capacitor, distortion caused by the large temperature difference occurs internally,
and can be the cause of cracks. Capacitors also tend to be affected by mechanical and thermal stress depending
on the board preheating temperature or the soldering fillet shape, and can be the cause of cracks.
Please refer to "1. PCB Design" or "3. Optimum solder amount" for the solder amount and the fillet shapes.
1. Correction with a Soldering Iron
1-1. In order to reduce damage to the capacitor, be sure to preheat the capacitor and the mounting board.
Preheat to the temperature range shown in Table 3. A hot plate, hot air type preheater, etc. can be used for preheating.
1-2. After soldering, do not allow the component/PCB to cool down rapidly.
1-3. Perform the corrections with a soldering iron as quickly as possible. If the soldering iron is applied too long,
there is a possibility of causing solder leaching on the terminal electrodes, which will cause deterioration of the
adhesive strength and other problems.
Table 3
Lead Free Solder: Sn-3.0Ag-0.5Cu
* Please manage Δ T in the temperature of soldering iron and the preheating temperature.
2. Correction with Spot Heater
Compared to local heating with a soldering iron, hot air heating by a spot heater heats the overall component
and board, therefore, it tends to lessen the thermal shock. In the case of a high density mounted board,
a spot heater can also prevent concerns of the soldering iron making direct contact with the component.
2-1. If the distance from the hot air outlet of the spot heater to the component is too close, cracks may occur due to
thermal shock. To prevent this problem, follow the conditions shown in Table 4.
2-2. In order to create an appropriate solder fillet shape, it is recommended that hot air be applied at the angle shown
in Figure 1.
Table 4
Distance
5mm or more
Hot Air Application angle
45° *Figure 1
Hot Air Temperature Nozzle Outlet 400°C max.
Less than 10 seconds
Application Time
(3216M / 1206 size or smaller)
Less than 30 seconds
(3225M / 1210 size or larger)
(3216M , 3225M : Metric size code)
3. Optimum solder amount when re-working with a soldering iron
3-1. If the solder amount is excessive, the risk of cracking is higher
    during board bending or any other stressful condition.
Too little solder amount results in a lack of adhesive strength
on the termination, which may result in chips breaking
loose from the PCB.
Please confirm that solder has been applied smoothly is
in section
and rising to the end surface of the chip.
3-2. A soldering iron with a tip of ø3mm or smaller should be used.
It is also necessary to keep the soldering iron from touching
the components during the re-work.
3-3. Solder wire with ø0.5mm or smaller is required for soldering.
Series
GRM
GRM
03/15/18/21/31
Caution
32/43/55
Preheating
Temperature
Temperature
Differential(ΔT)
Chip Dimension
(L/W) Code
Temperature of
Soldering Iron Tip
Atmosphere
350℃ max.
150℃ min.
ΔT≦190℃
Air
Air
150℃ min.
280℃ max.
ΔT≦130℃
!
One-hole Nozzle
an Angle of 45
[Figure 1]
Solder Amount
JEMCGC-2701X
19


Podobny numer części - GRM188B11E112JA01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
GRM188B11E112KA01 MURATA1-GRM188B11E112KA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01D MURATA1-GRM188B11E112KA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01J MURATA1-GRM188B11E112KA01J Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01 MURATA1-GRM188B11E112MA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01D MURATA1-GRM188B11E112MA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Podobny opis - GRM188B11E112JA01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com