Zakładka z wyszukiwarką danych komponentów |
|
MC7447A Arkusz danych(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC7447A Arkusz danych(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 8 page MOTOROLA MPC7447A Part Number Specification for the MC7447AnnnnNx Series 3 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE General Parameters Table 7 provides the power consumption for the MPC7447A part numbers described herein. For information regarding power consumption when dynamic frequency switching (DFS) is enabled, see the MPC7447A RISC Microprocessor Hardware Specifications. Table 7. Power Consumption for MPC7447A Processor (CPU) Frequency Unit Notes 1000 MHz 1167 MHz Full-Power Mode Typical 8.0 9.2 W 1, 2 Maximum 11.5 13.0 W 1, 3 Nap Mode Typical 1.3 1.3 W 1, 2 Sleep Mode Typical 1.3 1.3 W 1, 2 Deep Sleep Mode (PLL Disabled) Typical 1.2 1.2 W 1, 2 Notes: 1. These values apply for all valid processor buses. The values do not include I/O supply power (OVDD) or PLL supply power (AVDD). OVDD power is system dependent but is typically < 5% of VDD power. Worst case power consumption for AVDD < 3 mW. 2. Typical power is an average value measured at the nominal recommended VDD (see Table 4) and 65 °C while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz. 3. Maximum power is the average measured at nominal VDD and maximum operating junction temperature (see Table 4) while running an entirely cache-resident, contrived sequence of instructions which keep all the execution units maximally busy. 4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode. As a result, power consumption for this mode is not tested. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Podobny numer części - MC7447A |
|
Podobny opis - MC7447A |