Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3010LLSL Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SI-3010LLSL
Szczegółowy opis  1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3010LLSL Arkusz danych(HTML) 1 Page - Sanken electric

  SI-3010LLSL Datasheet HTML 1Page - Sanken electric SI-3010LLSL Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
78
ICs
1-1-4 Linear Regulator ICs
■Absolute Maximum Ratings
Unit
V
V
V
A
W
°C
°C
°C
°C/W
°C/W
Ratings
10
10
VIN
1.5
1.1
–30 to +125
–30 to +100
–30 to +125
36
100
Symbol
VIN
VB
VC
IO
PD*1
Tj
Top
Tstg
θ(j-L)
θ(j-a)*1
Parameter
DC Input Voltage
DC Bias Voltage
Output Control Terminal Voltage
DC Output Current
Power Dissipation
Junction Temperature
Operating Ambient Temperature
Storage Temperature
Thermal Resistance (Junction to Lead (Pin 8))
Thermal Resistance (Junction to Ambient Air)
*1: When mounted on glass-epoxy board of 40 × 40mm (copper laminate area 100%).
(Ta=25°C)
■Features
• Low input voltage (1.3V) and low output
voltage (1.0V)
• Compact surface-mount package (SOP8)
• Low dropout voltage: VDIF ≤ 0.3V (at IO = 1.5A)
• Built-in overcurrent, input-overvoltage and
thermal protection circuits
• Built-in ON/OFF function (OFF state circuit
current: 1µA max.)
• Compatible with low ESR capacitors
Parameter
Input Voltage
Bias Voltage
Output Current
Operating Ambient Temperature
Symbol
VIN
VB
IO
Top
Ratings
SI-3010LLSL
1.4 to 3.6*1
3.3 to 5.5
0 to 1.5*1
–20 to +85*1
Unit
V
V
A
°C
*1: VIN (max) and IO (max) are restricted by the relation PD = (VIN - VO) × IO.
■Recommended Operating Conditions
Unit
V
mV
mV
V
µA
µA
mV/ °C
A
V
V
µA
µA
Parameter
Reference Voltage
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient of
Output Voltage
Overcurrent Protection Starting
Current*1
Control Voltage (Output ON)*2
Control Voltage (Output OFF)
VC
Control Current (Output ON)
Terminal
Control Current (Output OFF)
Symbol
VADJ
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
■Electrical Characteristics
(Ta=25°C, VC=2V, VIN=1.8V, VB=3.3V, VO=1.5V, unless otherwise specified)
*1: IS1 is specified at the 5% drop point of output voltage VO on the condition that VIN = overcurrent protection starting current, IO = 10 mA.
*2: Output is OFF when the output control terminal (VC terminal) is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
Ratings
SI-3010LLSL
min.
typ.
max.
0.980
1.000
1.020
IO=10mA
10
VIN=1.7 to 2.5V, IO=10mA
30
VIN=1.8V, IO=0 to 1.5A
0.3
IO=1.0A
500
800
IO=0A, R2=10kΩ
1
VC=0V
±0.2
Tj=0 to 100°C
1.6
VIN=1.8V, VB=3.3V
2
0.8
50
VC=2.7V
10
VC=0.4V
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000LLSL Series
■Applications
• On-board local power supply
• For stabilization of the secondary-side output voltage of switching power supplies


Podobny numer części - SI-3010LLSL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
52Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
logo
Allegro MicroSystems
SI-3010LLSL-TL ALLEGRO-SI-3010LLSL-TL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
More results

Podobny opis - SI-3010LLSL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
logo
Texas Instruments
TPS7H1101-SP TI1-TPS7H1101-SP Datasheet
1Mb / 34P
[Old version datasheet]   1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330 DIODES-ZLDO330 Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com