Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3010LLSL Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SI-3010LLSL
Szczegółowy opis  1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3010LLSL Arkusz danych(HTML) 2 Page - Sanken electric

  SI-3010LLSL Datasheet HTML 1Page - Sanken electric SI-3010LLSL Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
79
ICs
SI-3000LLSL Series
■External Dimensions (SOP8)
(unit : mm)
0.995max.
0.10
1.27
0.4±0.1
0.4±0.1
0.15+0.1
5.1±0.4
1.27
8765
1234
–0.05
0.12 M
Pin Assignment
q VO
w ADJ
e VB
r VC
t GND
y GND
u VIN
i VIN
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 0.1g
■Typical Connection Diagram/Block Diagram
■Reference Data
CIN, CB: Input and bias capacitors (Approx. 0.1 to 10µF)
Required when the input line contains inductance or when the
wiring is long.
CO: Output capacitor (47µF or larger)
SI-3010LLSL is designed to use a low ESR capacitor (such as
a ceramic capacitor) for the output capacitor. The recom-
mended ESR value for an output capacitor is 500mΩ or less
(at room temperature).
R1, R2: Output voltage setting resistors
The output voltage can be set by connecting R1 and R2 as
shown at left.
The recommended value for R2 is 10kΩ.
R1= (VO–VADJ) / (VADJ/R2)
CSS:Soft start capacitor
The rising time of the output voltage can be set by connecting
CSS between VOUT and ADJ.
10
100
1000
Copper Laminate Area (mm2)
0
0.2
0.4
0.6
0.8
1
1.2
Ta=25°C
Ta=50°C
Ta=80°C
REF
TSD
Drive
VIN
CIN
VB
VC
ON/OFF
Open:OFF
Low: OFF
High: ON
VOUT
CSS
CO
R1
R2
ADJ
GND
1
-
+
-
+
+
CB
R1
7
8
3
2
6
5
4
OCP
OCP(2)
AMP1
Copper Laminate Area - Power Dissipation


Podobny numer części - SI-3010LLSL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
52Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
logo
Allegro MicroSystems
SI-3010LLSL-TL ALLEGRO-SI-3010LLSL-TL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
More results

Podobny opis - SI-3010LLSL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
logo
Texas Instruments
TPS7H1101-SP TI1-TPS7H1101-SP Datasheet
1Mb / 34P
[Old version datasheet]   1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330 DIODES-ZLDO330 Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com