Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34262P Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC34262P
Szczegółowy opis  POWER FACTOR CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262P Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC34262P Datasheet HTML 1Page - ON Semiconductor MC34262P Datasheet HTML 2Page - ON Semiconductor MC34262P Datasheet HTML 3Page - ON Semiconductor MC34262P Datasheet HTML 4Page - ON Semiconductor MC34262P Datasheet HTML 5Page - ON Semiconductor MC34262P Datasheet HTML 6Page - ON Semiconductor MC34262P Datasheet HTML 7Page - ON Semiconductor MC34262P Datasheet HTML 8Page - ON Semiconductor MC34262P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC34262 MC33262
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 12 V (Note 2), for typical values TA = 25°C, for min/max values TA is the operating ambient
temperature range that applies (Note 3), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
CURRENT SENSE COMPARATOR
Input Bias Current (VPin 4 = 0 V)
IIB
– 0.15
–1.0
µA
Input Offset Voltage (VPin 2 = 1.1 V, VPin 3 = 0 V)
VIO
9.0
25
mV
Maximum Current Sense Input Threshold (Note 5)
Vth(max)
1.3
1.5
1.8
V
Delay to Output
tPHL(in/out)
200
400
ns
DRIVE OUTPUT
Output Voltage (VCC = 12 V)
Low State
(ISink = 20 mA)
Low State
(ISink = 200 mA)
High State
(ISource = 20 mA)
High State
(ISource = 200 mA)
VOL
VOH
9.8
7.8
0.3
2.4
10.3
8.4
0.8
3.3
V
Output Voltage (VCC = 30 V)
High State (ISource = 20 mA, CL = 15 pF)
VO(max)
14
16
18
V
Output Voltage Rise Time (CL = 1.0 nF)
tr
50
120
ns
Output Voltage Fall Time (CL = 1.0 nF)
tf
50
120
ns
Output Voltage with UVLO Activated
(VCC = 7.0 V, ISink = 1.0 mA)
VO(UVLO)
0.1
0.5
V
RESTART TIMER
Restart Time Delay
tDLY
200
620
µs
UNDERVOLTAGE LOCKOUT
Startup Threshold (VCC Increasing)
Vth(on)
11.5
13
14.5
V
Minimum Operating Voltage After Turn–On (VCC Decreasing)
VShutdown
7.0
8.0
9.0
V
Hysteresis
VH
3.8
5.0
6.2
V
TOTAL DEVICE
Power Supply Current
Startup (VCC = 7.0 V)
Operating
Dynamic Operating (50 kHz, CL = 1.0 nF)
ICC
0.25
6.5
9.0
0.4
12
20
mA
Power Supply Zener Voltage (ICC = 25 mA)
VZ
30
36
V
NOTES: 1. Maximum package power dissipation limits must be observed.
2. Adjust VCC above the startup threshold before setting to 12 V.
Pin 4 Threshold
VPin 3 (VPin 2 – Vth(M))
4. K =
3. Tlow =0°C for MC34262
3. Tlow =– 40°C for MC33262
Thigh =+ 85°C for MC34262
Thigh = +105°C for MC33262
5. This parameter is measured with VFB = 0 V, and VPin 3 = 3.0 V.
1.4
– 0.2
3.8
0.6
2.2
3.0
VPin 2 = 2.0 V
VCC = 12 V
TA = 25°C
VM, MULTIPLIER PIN 3 INPUT VOLTAGE (V)
Figure 1. Current Sense Input Threshold
versus Multiplier Input
– 0.12
VM, MULTIPLIER PIN 3 INPUT VOLTAGE (V)
– 0.06
0.06
0.12
0.18
0.24
0
VCC = 12 V
TA = 25°C
Figure 2. Current Sense Input Threshold
versus Multiplier Input, Expanded View
0.2
0
1.6
0.08
1.4
1.2
1.0
0.8
0.6
0.4
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
VPin 2 = 3.75 V
VPin 2 = 2.25 V
VPin 2 = 2.5 V
VPin 2 = 2.75 V
VPin 2 = 3.0 V
VPin 2 = 2.25 V
VPin 2 = 2.5 V
VPin 2 = 3.75 V
VPin 2 = 2.75 V
VPin 2 = 2.0 V
VPin 2 = 3.25 V
VPin 2 = 3.0 V
VPin 2 = 3.25 V
VPin 2 = 3.5 V
VPin 2 = 3.5 V


Podobny numer części - MC34262P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34262P ONSEMI-MC34262P Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC34262PG ONSEMI-MC34262PG Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC34262PG ONSEMI-MC34262PG Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

Podobny opis - MC34262P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com