Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3456 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC3456
Szczegółowy opis  DUAL TIMING CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3456 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC3456 Datasheet HTML 2Page - ON Semiconductor MC3456 Datasheet HTML 3Page - ON Semiconductor MC3456 Datasheet HTML 4Page - ON Semiconductor MC3456 Datasheet HTML 5Page - ON Semiconductor MC3456 Datasheet HTML 6Page - ON Semiconductor MC3456 Datasheet HTML 7Page - ON Semiconductor MC3456 Datasheet HTML 8Page - ON Semiconductor MC3456 Datasheet HTML 9Page - ON Semiconductor MC3456 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC3456
8
MOTOROLA ANALOG IC DEVICE DATA
Pulse Width Modulation
If the timer is triggered with a continuous pulse train in the
monostable mode of operation, the charge time of the
capacitor can be varied by changing the control voltage at
Pin 3. In this manner, the output pulse width can be
modulated by applying a modulating signal that controls the
threshold voltage.
Test Sequences
Several timers can be connected to drive each other for
sequential timing. An example is shown in Figure 24 where
the sequence is started by triggering the first timer which runs
for 10 ms. The output then switches low momentarily and
starts the second timer which runs for 50 ms and so forth.
Figure 22. Pulse Width Modulation Waveforms
Figure 23. Pulse Width Modulation Circuit
t = 0.5 ms/cm
(RA = 10 kW, C = 0.02 mF, VCC = 15 V)
+VCC (5.0 V to 15 V)
RL
4 (10)
Reset
VCC
14
RA
Discharge
1 (13)
Threshold
2 (12)
Control
3 (11)
C
Modulation
Input
Output
5 (9)
Trigger
6 (8)
Output
Clock
Input
Gnd
7
1/2
MC3456
Modulation Input Voltage 5.0 V/cm
Clock Input Voltage
5.0 V/cm
Output Voltage
5.0 V/cm
Capacitor Voltage
5.0 V/cm
Figure 24. Sequential Timing Circuit
9.1 k
Threshold
VCC
Reset
27 k
9.1 k
VCC
Reset
27 k
50 k
VCC
Reset
Control
Output
Load
Gnd
Gnd
Load
5.0
µF
0.001
µF
Gnd
Trigger
Discharge
1.0
µF
Control
Output
0.01
µF
0.001
µF
Threshold
Threshold
Discharge
Trigger
5.0
µF
0.01
µF
Discharge
Trigger
Load
VCC (5.0 V to 15 V)
0.01
µF
Control
Output
1/2
MC3456
1/2
MC3456
1/2
MC3456


Podobny numer części - MC3456

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC34561 ETC1-MC34561 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34563 ETC1-MC34563 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34565 ETC1-MC34565 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34567 ETC1-MC34567 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34569 ETC1-MC34569 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
More results

Podobny opis - MC3456

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SLC556 SLS-SLC556 Datasheet
23Kb / 2P
   Timing Circuit
logo
List of Unclassifed Man...
IN555 ETC-IN555 Datasheet
96Kb / 2P
   Timing Circuit
logo
KODENSHI_AUK CORP.
KK555 KODENSHI-KK555 Datasheet
238Kb / 4P
   Timing Circuit
KK556 KODENSHI-KK556 Datasheet
196Kb / 3P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN556 IKSEMICON-IN556_11 Datasheet
188Kb / 3P
   Timing Circuit
logo
System Logic Semiconduc...
SLC555 SLS-SLC555 Datasheet
24Kb / 3P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN556 IKSEMICON-IN556 Datasheet
190Kb / 3P
   Timing Circuit
logo
Integral Corp.
IN556 INTEGRAL-IN556 Datasheet
114Kb / 2P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN555 IKSEMICON-IN555_11 Datasheet
183Kb / 4P
   Timing Circuit
IN555 IKSEMICON-IN555 Datasheet
232Kb / 4P
   Timing Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com