Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3011ZF Arkusz danych(PDF) 8 Page - Allegro MicroSystems

Numer części SI-3011ZF
Szczegółowy opis  HIgh-Current, Low-Dropout, 1.1~5V Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3011ZF Arkusz danych(HTML) 8 Page - Allegro MicroSystems

  SI-3011ZF Datasheet HTML 1Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 2Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 3Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 4Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 5Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 6Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 7Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SI-3011ZF
High-Current,
Low-Dropout,
1.1~5 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
8
The products described herein are manufactured in Japan by Sanken
Electric Co., Ltd. for sale by Allegro MicroSystems, Inc.
Sanken and Allegro reserve the right to make, from time to time, such
departures from the detail specifications as may be required to permit
improvements in the performance, reliability, or manufacturability of its
products. Therefore, the user is cautioned to verify that the information
in this publication is current before placing any order.
When using the products described herein, the applicability and
suitability of such products for the intended purpose shall be reviewed at
the users responsibility.
Although Sanken undertakes to enhance the quality and reliability of
its products, the occurrence of failure and defect of semiconductor
products at a certain rate is inevitable.
Users of Sanken products are requested to take, at their own risk,
preventative measures including safety design of the equipment or
systems against any possible injury, death, fires or damages to society
due to device failure or malfunction.
Sanken products listed in this publication are designed and intended
for use as components in general-purpose electronic equipment or
apparatus (home appliances, office equipment, telecommunication
equipment, measuring equipment, etc.). Their use in any application
requiring radiation hardness assurance (e.g., aerospace equipment) is
not supported.
When considering the use of Sanken products in applications where
higher reliability is required (transportation equipment and its control
systems or equipment, fire- or burglar-alarm systems, various safety
devices, etc.), contact a company sales representative to discuss and
obtain written confirmation of your specifications.
The use of Sanken products without the written consent of Sanken in
applications where extremely high reliability is required (aerospace
equipment, nuclear power-control stations, life-support systems, etc.) is
strictly prohibited.
The information included herein is believed to be accurate and
reliable. Application and operation examples described in this publica-
tion are given for reference only and Sanken and Allegro assume no
responsibility for any infringement of industrial property rights,
intellectual property rights, or any other rights of Sanken or Allegro or
any third party that may result from its use.


Podobny numer części - SI-3011ZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
logo
Allegro MicroSystems
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZFE SANKEN-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results

Podobny opis - SI-3011ZF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
   8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300_06 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com