Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8120JF Arkusz danych(PDF) 8 Page - Allegro MicroSystems

Numer części SI-8120JF
Szczegółowy opis  Step-Down to 12.0 V, 1.5 A, DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8120JF Arkusz danych(HTML) 8 Page - Allegro MicroSystems

  SI-8120JF Datasheet HTML 1Page - Allegro MicroSystems SI-8120JF Datasheet HTML 2Page - Allegro MicroSystems SI-8120JF Datasheet HTML 3Page - Allegro MicroSystems SI-8120JF Datasheet HTML 4Page - Allegro MicroSystems SI-8120JF Datasheet HTML 5Page - Allegro MicroSystems SI-8120JF Datasheet HTML 6Page - Allegro MicroSystems SI-8120JF Datasheet HTML 7Page - Allegro MicroSystems SI-8120JF Datasheet HTML 8Page - Allegro MicroSystems SI-8120JF Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SI-8120JF
Step-Down
to 12.0 V, 1.5 A,
DC/DC Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
8
Primary Packing: 50 pieces per stick
Product Thickness: 0.7 mm ±0.3 mm
Material: Hard polyvinylchloride (transparent)
Warp: Within 2 mm against L-shape dimension
Secondary Packing: Ten sticks, four layers (2000 pieces
per box). Cardboard box.
Inner Cover
Stick
Shock-Absorbing
Material (50-100 mm)
Stick
Underlay
Shipping Container Dimensions in Millimeters


Podobny numer części - SI-8120JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8120JF SANKEN-SI-8120JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Podobny opis - SI-8120JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com