Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI-8002TW-TL Arkusz danych(PDF) 3 Page - Allegro MicroSystems

Numer części SPI-8002TW-TL
Szczegółowy opis  Dual 1.5 A, DC/DC Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPI-8002TW-TL Arkusz danych(HTML) 3 Page - Allegro MicroSystems

  SPI-8002TW-TL Datasheet HTML 1Page - Allegro MicroSystems SPI-8002TW-TL Datasheet HTML 2Page - Allegro MicroSystems SPI-8002TW-TL Datasheet HTML 3Page - Allegro MicroSystems SPI-8002TW-TL Datasheet HTML 4Page - Allegro MicroSystems SPI-8002TW-TL Datasheet HTML 5Page - Allegro MicroSystems SPI-8002TW-TL Datasheet HTML 6Page - Allegro MicroSystems SPI-8002TW-TL Datasheet HTML 7Page - Allegro MicroSystems SPI-8002TW-TL Datasheet HTML 8Page - Allegro MicroSystems SPI-8002TW-TL Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPI-8002TW
Dual 1.5 A, DC/DC
Step-Down Converter
www.allegromicro.com
Switching
Regulators
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VI = VCC = 15 V (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Internal Reference Voltage
V
ref
V
I = 10 V, VO = 1 V, IO = 0.1 A
0.996
1.006 1.016
V
Ref. Volt. Temp. Coeff.
a
Vref
V
I = 10 V, VO = 1 V, IO = 0.1 A
±0.1
mV/°C
Output Short-Circuit Current
I
OM
See note
1.6
A
Efficiency
η
V
O = 5 V, IO = 0.5 A, II includes ICC
—78
%
V
CC = 5 V, VO = 5 V, IO = 0.5 A,
81
%
I
I does not include ICC
Operating Frequency
f
V
O = 5 V, IO = 0.5 A
215
250
285
kHz
Line Regulation
∆V
O(
∆VI)
V
I = VCC = 10 V ~ 20 V, VO = 5 V, IO = 1 A
30
60
mV
Load Regulation
∆V
O(
∆IO)
V
O = 5 V, IO = 0.2 A ~ 1.5 A
10
40
mV
Supply Current
I
CC
I
O = 0 A
8.5
mA
Quiescent Current
I
IQ
V
CC = 5 V, IO = 0 A, VO ≤ 12 V
4.0
mA
V
CE = 0 V or open
1.0
µA
I
CCQ
V
CE = 0 V or open
1.0
µA
Chip Enable Voltage
V
CEH
2.0
V
V
CEL
0.8
V
Chip Enable Input Current
I
CE
V
CE = 20 V
95
µA
Soft-Start Voltage
V
SS
Converter turn-off voltage
0.5
V
Soft-Start Current
I
SS
V
SS = 0 V
-60
-80
µA
Typical values are given for circuit design information only.
Note: Output short-circuit current is at point where output voltage has decreased 5% below V
O(nom).
Test Circuit


Podobny numer części - SPI-8002TW-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SPI-8002TW SANKEN-SPI-8002TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SPI-8002TW SANKEN-SPI-8002TW Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8002TW SANKEN-SPI-8002TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
More results

Podobny opis - SPI-8002TW-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com