Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC6432SH Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FDC6432SH
Szczegółowy opis  12V P-Channel PowerTrench MOSFET, 30V PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6432SH Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  FDC6432SH Datasheet HTML 1Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 2Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 3Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 4Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 5Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 6Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 7Page - Fairchild Semiconductor FDC6432SH Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDC6432SH Rev B (W)
Typical Characteristics : Q2
0
1
2
3
4
5
6
7
8
00.511.5
22.5
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4.5V
-3.5V
-3.0V
-1.8V
-2.0V
-2.5V
-1.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
01
23456
78
-ID, DRAIN CURRENT (A)
VGS=-1.8V
-3.0V
-2.5V
-3.5V
-4.5V
-2.0V
Figure 12. On-Region Characteristics.
Figure 13. On-Resistance Variation with
Drain Current and Gate Voltage.
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -2.5A
VGS = -4.5V
0.05
0.09
0.13
0.17
0.21
0.25
0.29
1234
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.3A
TA = 125
oC
TA = 25
oC
Figure 14. On-Resistance Variation with
Temperature.
Figure 15. On-Resistance Variation with
Gate-to-Source Voltage.
0
1
2
3
4
5
6
7
8
0.5
1
1.5
2
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
00.2
0.4
0.6
0.811.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 16. Transfer Characteristics.
Figure 17. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Podobny numer części - FDC6432SH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC6401N FAIRCHILD-FDC6401N Datasheet
76Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
79Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDC640P FAIRCHILD-FDC640P_01 Datasheet
79Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDC642 FAIRCHILD-FDC642 Datasheet
269Kb / 8P
   P-Channel 2.5V Specified PowerTrench?줞OSFET
More results

Podobny opis - FDC6432SH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7066ASN3 FAIRCHILD-FDS7066ASN3 Datasheet
144Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com