Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6670AS Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDD6670AS
Szczegółowy opis  30V N-Channel PowerTrench SyncFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6670AS Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDD6670AS Datasheet HTML 1Page - Fairchild Semiconductor FDD6670AS Datasheet HTML 2Page - Fairchild Semiconductor FDD6670AS Datasheet HTML 3Page - Fairchild Semiconductor FDD6670AS Datasheet HTML 4Page - Fairchild Semiconductor FDD6670AS Datasheet HTML 5Page - Fairchild Semiconductor FDD6670AS Datasheet HTML 6Page - Fairchild Semiconductor FDD6670AS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2005
©2005 Fairchild Semiconductor Corporation
FDD6670AS Rev A(X)
FDD6670AS
30V N-Channel PowerTrench
®
SyncFET
General Description
The FDD6670AS is designed to replace a single
MOSFET and Schottky diode in synchronous DC:DC
power supplies.
This 30V MOSFET is designed to
maximize power conversion efficiency, providing a low
RDS(ON)
and low gate charge.
The FDD6670AS
includes
a
patented
combination
of
a
MOSFET
monolithically integrated with a schottky diode.
The
performance of the FDD6670AS as the low-side switch
in a synchronous rectifier is indistinguishable from the
performance of the FDD6670A in parallel with a
Schottky diode.
Applications
• DC/DC converter
• Low side notebook
Features
• 76 A, 30 V
RDS(ON) max= 8.0 mΩ @ VGS = 10 V
RDS(ON) max= 10.4 mΩ @ VGS = 4.5 V
• Includes SyncFET Schottky body diode
• Low gate charge (29nC typical)
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
.
G
S
D
TO-252
S
G
D
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
Drain Current
– Continuous
(Note 3)
76
A
ID
– Pulsed
(Note 1a)
100
PD
Power Dissipation
(Note 1)
70
W
(Note 1a)
3.2
(Note 1b)
1.3
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
1.8
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
96
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDD6670AS
FDD6670AS
13’’
16mm
2500 units
FDD6670AS
FDD6670AS_NL (Note 4)
13’’
16mm
2500 units


Podobny numer części - FDD6670AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6670A FAIRCHILD-FDD6670A Datasheet
195Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6670A FAIRCHILD-FDD6670A Datasheet
110Kb / 6P
   30V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6670A ISC-FDD6670A Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD6670A UMW-FDD6670A Datasheet
458Kb / 6P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Podobny opis - FDD6670AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com