Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD8882 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDD8882
Szczegółowy opis  N-Channel PowerTrench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8882 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDD8882 Datasheet HTML 1Page - Fairchild Semiconductor FDD8882 Datasheet HTML 2Page - Fairchild Semiconductor FDD8882 Datasheet HTML 3Page - Fairchild Semiconductor FDD8882 Datasheet HTML 4Page - Fairchild Semiconductor FDD8882 Datasheet HTML 5Page - Fairchild Semiconductor FDD8882 Datasheet HTML 6Page - Fairchild Semiconductor FDD8882 Datasheet HTML 7Page - Fairchild Semiconductor FDD8882 Datasheet HTML 8Page - Fairchild Semiconductor FDD8882 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
FDD8882/FDU8882 Rev. 1.0.0
November 2004
www.fairchildsemi.com
1
FDD8882 / FDU8882
N-Channel PowerTrench® MOSFET
30V, 55A, 11.5m
Features
! r
DS(ON) = 11.5mΩ, VGS = 10V, ID = 35A
! r
DS(ON) = 15mΩ, VGS = 4.5V, ID = 35A
! High performance trench technology for extremely low
rDS(ON)
! Low gate charge
! High power and current handling capability
Application
! DC/DC converters
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either
synchronous
or
conventional
switching
PWM
controllers. It has been optimized for low gate charge, low
rDS(ON) and fast switching speed.
D
G
S
G DS
I-PAK
(TO-251AA)
G
S
D
TO-252
D-PAK
(TO-252)


Podobny numer części - FDD8882

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8882 FAIRCHILD-FDD8882 Datasheet
434Kb / 12P
   N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDD8882 ISC-FDD8882 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD8882 FAIRCHILD-FDD8882_08 Datasheet
434Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results

Podobny opis - FDD8882

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com