Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NADB15FF-B Arkusz danych(PDF) 2 Page - Neutrik AG

Numer części NADB15FF-B
Szczegółowy opis  15 pole D-SUB feedthrough, female to female, black D-shape housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEUTRIK [Neutrik AG]
Strona internetowa  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NADB15FF-B Arkusz danych(HTML) 2 Page - Neutrik AG

  NADB15FF-B Datasheet HTML 1Page - Neutrik AG NADB15FF-B Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
Product
Title
NADB15FF-B
Gender
female - female
Electrical
Contact resistance
30 mΩ
Insulation resistance
> 5 GΩ
Number of electronical contacts
15
Rated current per contact
3 A
Rated voltage
50 V ac
Dielectric strength
> 0.5 kVac
Mechanical
Panel thickness
4 mm
Wiresize
Wiring
Feedthrough
Mounting direction
Front mounting
Chassis shape
D
Material
Contact plating
Au
Contacts
Brass (CuZn39Pb3)
Insert
Steel , tin plated, PBT
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
Black chromium
Environmental
Flammability
UL 94-V0
Temperature range
-25 °C to +85 °C
NADB15FF-B
2
/2


Podobny numer części - NADB15FF-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Neutrik AG
NADB15FF NEUTRIK-NADB15FF Datasheet
88Kb / 2P
   15 pole D-SUB feedthrough, female to female, D-shape nickel housing
More results

Podobny opis - NADB15FF-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Neutrik AG
NADB15FF NEUTRIK-NADB15FF Datasheet
88Kb / 2P
   15 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB15MF-B NEUTRIK-NADB15MF-B Datasheet
68Kb / 2P
   15 pole D-SUB feedthrough, male to female, black D-shape housing
NADB9FF-B NEUTRIK-NADB9FF-B Datasheet
67Kb / 2P
   9 pole D-SUB feedthrough, female to female, black D-shape housing
NADB9FF NEUTRIK-NADB9FF Datasheet
68Kb / 2P
   9 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB9MF-B NEUTRIK-NADB9MF-B Datasheet
88Kb / 2P
   9 pole D-SUB feedthrough, male to female, black D-shape housing
NADB9MF NEUTRIK-NADB9MF Datasheet
90Kb / 2P
   9 pole D-SUB feedthrough, male to female, D-shape nickel housing
NADB15MF NEUTRIK-NADB15MF Datasheet
70Kb / 2P
   15 pole D-SUB feedthrough, male to female
NAHDMI-W-B NEUTRIK-NAHDMI-W-B Datasheet
82Kb / 2P
   HDMI feedthrough adapter, black D-shape housing
NAHDMI-W NEUTRIK-NAHDMI-W Datasheet
97Kb / 2P
   HDMI feedthrough adapter, D-shape housing
NE8FDX-P6-B NEUTRIK-NE8FDX-P6-B Datasheet
95Kb / 2P
   D-shape CAT6 panel connector, shielded, feedthrough, black housing
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com