Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC299DW Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC74AC299DW
Szczegółowy opis  8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC299DW Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC74AC299DW Datasheet HTML 3Page - ON Semiconductor MC74AC299DW Datasheet HTML 4Page - ON Semiconductor MC74AC299DW Datasheet HTML 5Page - ON Semiconductor MC74AC299DW Datasheet HTML 6Page - ON Semiconductor MC74AC299DW Datasheet HTML 7Page - ON Semiconductor MC74AC299DW Datasheet HTML 8Page - ON Semiconductor MC74AC299DW Datasheet HTML 9Page - ON Semiconductor MC74AC299DW Datasheet HTML 10Page - ON Semiconductor MC74AC299DW Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC74AC299, MC74ACT299
http://onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Input
Frequency
5.0
120
110
MHz
3−3
tPLH
Propagation Delay
CP to Q0 or Q7
5.0
4.0
12.5
3.0
14
ns
3−6
tPHL
Propagation Delay
CP to Q0 or Q7
5.0
4.0
13.5
3.5
15
ns
3−6
tPLH
Propagation Delay
CP to I/On
5.0
4.5
12.5
4.5
13.5
ns
3−6
tPHL
Propagation Delay
CP to I/On
5.0
5.0
15
4.5
16.5
ns
3−6
tPHL
Propagation Delay
MR to Q0 or Q7
5.0
4.0
15
4.0
18
ns
3−6
tPHL
Propagation Delay
MR to I/On
5.0
4.0
14.5
3.5
17.5
ns
3−6
tPZH
Output Enable Time
OE to I/On
5.0
2.5
12
1.5
13
ns
3−7
tPZL
Output Enable Time
OE to I/On
5.0
2.0
12
1.5
13.5
ns
3−8
tPHZ
Output Disable Time
OE to I/On
5.0
2.0
12.5
2.0
13.5
ns
3−7
tPLZ
Output Disable Time
OE to I/On
5.0
2.5
11.5
2.0
12.5
ns
3−8
*Voltage Range 5.0 V is 5.0 V ±0.5 V.


Podobny numer części - MC74AC299DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC299DW ONSEMI-MC74AC299DW Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
MC74AC299DWR2 ONSEMI-MC74AC299DWR2 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
More results

Podobny opis - MC74AC299DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
National Semiconductor ...
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
   8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com