Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMG3005NT1 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części MMG3005NT1
Szczegółowy opis  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3005NT1 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  MMG3005NT1 Datasheet HTML 1Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3005NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
RF Device Data
Freescale Semiconductor
MMG3005NT1
50 OHM APPLICATION CIRCUIT: 900 MHz
Figure 5. 50 Ohm Test Circuit Schematic
Z1, Z7
0.140 x 0.028 Microstrip
Z2, Z6
0.057 x 0.028 Microstrip
Z3
0.342 x 0.028 Microstrip
Z4
0.119 x 0.028 Microstrip
Z5
0.223 x 0.028 Microstrip
PCB
Isola FR408, 0.014, r =3.7
RF
OUTPUT
RF
INPUT
R1
L1
C7
C1
Z1
Z2
Z3
C4
C3
R2
VSUPPLY
16
DUT
C8
Z4
Z5
Z6
C2
Z7
C6
C5
Current Mirror
15
14
67
8
113
59
2
3
4
12
11
10
Table 8. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
15 pF Chip Capacitors
ECUV1H150JCV
Panasonic
C3, C5
0.01 F Chip Capacitors
C0603C103J5RAC
Kemet
C4, C6
0.1 F Chip Capacitors
C0603C104J5RAC
Kemet
C7
6.8 pF Chip Capacitor
06035J6R8BS
AVX
C8
5.6 pF Chip Capacitor
06035J5R6BS
AVX
L1
15 nH Chip Inductor
1008CS--150XJB
Coilcraft
R1
33 Ω, 1/10 W Chip Resistor
CRCW060333R0FKEA
Vishay
R2
0 Ω, 1/10 W Chip Resistor
CRCW06030000FKEA
Vishay


Podobny numer części - MMG3005NT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MMG3005NT1 FREESCALE-MMG3005NT1 Datasheet
256Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3005NT1 FREESCALE-MMG3005NT1 Datasheet
373Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3005NT1 FREESCALE-MMG3005NT1_08 Datasheet
373Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results

Podobny opis - MMG3005NT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com