Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMG3007NT1 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części MMG3007NT1
Szczegółowy opis  Heterojunction Bipolar Transistor (InGaP HBT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3007NT1 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  MMG3007NT1 Datasheet HTML 1Page - NXP Semiconductors MMG3007NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3007NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3007NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3007NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3007NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3007NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3007NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3007NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MMG3007NT1
3
RF Device Data
Freescale Semiconductor, Inc.
50 OHM TYPICAL CHARACTERISTICS
10
25
0
TC =85C
f, FREQUENCY (GHz)
Figure 2. Small--Signal Gain (S21) versus
Frequency
20
15
12
34
25C
--40C
4
--40
0
0
S22
f, FREQUENCY (GHz)
Figure 3. Input/Output Return Loss versus
Frequency
S11
--10
--20
--30
12
3
16
9
23
8
Pout, OUTPUT POWER (dBm)
Figure 4. Small--Signal Gain versus Output
Power
21
19
17
15
13
910
12
1960 MHz
11
14
3.5
3
2.5
2
1.5
1
0.5
13
20
19
18
16
14
f, FREQUENCY (GHz)
Figure 5. P1dB versus Frequency
17
15
5.4
0
100
4
VCC, COLLECTOR VOLTAGE (V)
Figure 6. Collector Current versus Collector
Voltage
80
60
20
4.2
5
5.2
40
4.4
4.6
4.8
4
18
33
0
f, FREQUENCY (GHz)
Figure 7. Third Order Output Intercept Point
versus Frequency
30
27
24
21
12
3
VCC =5 Vdc
1 MHz Tone Spacing
15
13
11
VCC =5 Vdc
900 MHz
2600 MHz
3500 MHz
2140 MHz
VCC =5 Vdc
VCC =5 Vdc
VCC =5 Vdc


Podobny numer części - MMG3007NT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MMG3007NT1 FREESCALE-MMG3007NT1 Datasheet
215Kb / 12P
   Heterojunction Bipolar Transistor(InGaP HBT)
MMG3007NT1 FREESCALE-MMG3007NT1 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3007NT1 FREESCALE-MMG3007NT1 Datasheet
366Kb / 15P
   Heterojunction Bipolar Transistor
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3007NT1 FREESCALE-MMG3007NT1_12 Datasheet
366Kb / 15P
   Heterojunction Bipolar Transistor
More results

Podobny opis - MMG3007NT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
220Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3009NT1 NXP-MMG3009NT1 Datasheet
413Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3010NT1 NXP-MMG3010NT1 Datasheet
364Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 5, 3/2008
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
305Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3008NT1 FREESCALE-MMG3008NT1 Datasheet
222Kb / 12P
   Heterojunction Bipolar Transistor(InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com