Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMG3012NT1 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części MMG3012NT1
Szczegółowy opis  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3012NT1 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  MMG3012NT1 Datasheet HTML 1Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3012NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MMG3012NT1
3
RF Device Data
Freescale Semiconductor, Inc.
50 OHM TYPICAL CHARACTERISTICS
VCC =5 Vdc
10
25
0
TC =85C
f, FREQUENCY (GHz)
Figure 2. Small--Signal Gain (S21) versus
Frequency
20
15
12
34
25C
--40C
4
--40
0
0
S22
f, FREQUENCY (GHz)
Figure 3. Input/Output Return Loss versus
Frequency
S11
--10
--20
--30
12
3
20
7
21
10
Pout, OUTPUT POWER (dBm)
Figure 4. Small--Signal Gain versus Output
Power
19
17
15
13
11
12
14
9
3.5
3
2.5
2
1.5
1
0.5
13
20
19
18
16
14
f, FREQUENCY (GHz)
Figure 5. P1dB versus Frequency
17
15
5.4
0
100
4
VCC, COLLECTOR VOLTAGE (V)
Figure 6. Collector Current versus Collector
Voltage
80
60
20
4.2
5
5.2
40
4.4
4.6
4.8
4
21
36
0
f, FREQUENCY (GHz)
Figure 7. Third Order Output Intercept Point
versus Frequency
33
30
27
24
12
3
18
16
VCC =5 Vdc
900 MHz
2140 MHz
1960 MHz
2600 MHz
3500 MHz
VCC =5 Vdc
VCC =5 Vdc
VCC =5 Vdc
1 MHz Tone Spacing


Podobny numer części - MMG3012NT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
221Kb / 12P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
More results

Podobny opis - MMG3012NT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com