Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


M9F52245 Datasheet(Arkusz danych) 2 Page - Schneider Electric

Numer części M9F52245
Szczegółowy opis  Multi 9 - C60BPR - MCB - 2P - 45 A - C Curve - 240 V - 10 kA - UL 489
Pobierz  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo 

   
 2 page
background image
Complementary
[Ue] rated operational voltage
240 V AC 50/60 Hz
415 V AC 50/60 Hz
440 V AC 50/60 Hz
Magnetic tripping limit
8.5 x In +/- 20 % AC
[Ics] rated service breaking capacity
4.5 kA 75 % EN/IEC 60947-2 - 440 V AC
7.5 kA 75 % EN/IEC 60947-2 - 415 V AC
15 kA 75 % EN/IEC 60947-2 - 240 V AC
4.5 kA 75 % GB 14048.2 - 440 V AC
7.5 kA 75 % GB 14048.2 - 415 V AC
15 kA 75 % GB 14048.2 - 240 V AC
[Ui] rated insulation voltage
500 V AC EN/IEC 60947-2
[Uimp] rated impulse withstand voltage
6 kVEN/IEC 60947-2
Contact position indicator
Yes
Control type
Toggle
Local signalling
ON/OFF indication
Mounting mode
Clip-on
Mounting support
DIN rail
9 mm pitches
4
Height
5.00 in (127 mm)
Width
1.42 in (36 mm)
Depth
2.83 in (72 mm)
Color
Grey
Mechanical durability
20000 cycles
Electrical durability
10000 cycles
Provision for padlocking
Padlockable
Connections - terminals
Ring terminal top or bottom)
Tightening torque
17.70 lbf.in (2 N.m) top or bottom
Earth-leakage protection
Without
Environment
IP degree of protection
IP20IEC 60529
IP40 modular enclosure)IEC 60529
Pollution degree
3 EN/IEC 60947-2
Overvoltage category
IV
Tropicalisation
2 IEC 60068-1
Relative humidity
95 % 131 °F (55 °C)
Operating altitude
0...6561.68 ft (0...2000 m)
Ambient air temperature for operation
-22…158 °F (-30…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Ordering and shipping details
Category
00949 - M9 GEN 2 CB UL489
Discount Schedule
DE2
GTIN
00785901129455
Returnability
No
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
2




Html Pages

1  2  3 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl