GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: February 2002
Document No. 22488 - 0
PRODUCT BRIEF
FEATURES
FEATURES
FEATURES
FEATURES
• DVB-ASI auto-configuration
• DVB-ASI sync word detection and 8b/10b decoding
• built-in re-clocker
• reclocked serial digital output buffer / cable driver
• 27MHz parallel digital output
• 1.8V core power supply and 3.3V charge pump power
supply
• 3.3V digital I/O supply
• JTAG test interface
• small footprint compatible with GS7062
• low power operation (estimate of 375mW)
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
•
DVB-ASI Serial Digital Interfaces
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The GS7060 is a DVB-ASI deserializer. When used in
conjuction with the GO1525 voltage controlled oscillator
and the GS9064 cable equalizer a DVB-ASI receive
solution can be realized.
The GS7060 provides internal 8b/10b decoding and K28.5
sync word detection
The integrated reclocker features a very wide Input Jitter
Tolerance (IJT) of ±0.3 UI, a rapid (typically less than
265µs) asynchronous lock time, and full compliance with
DVB-ASI data streams.
A cable driver output is also provided for serial input loop
through applications. The serial digital output can be
selected as either before or after the integrated reclocker.
The cable driver also features an output mute on loss
of signal.
The GS7062 has a small 56-pin QFN package that is
compatible with the GS7062. It consumes less than 375mW
(preliminary estimate).
AVAILABLE PACKAGING
AVAILABLE PACKAGING
AVAILABLE PACKAGING
AVAILABLE PACKAGING
56-pin QFN
GS7060
GS7060
GS7060
GS7060
DVB-ASI Deserializer
DVB-ASI Deserializer
DVB-ASI Deserializer
DVB-ASI Deserializer