Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC60-24S05 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FDC60-24S05
Szczegółowy opis  60 WATTS OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

FDC60-24S05 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FDC60-24S05 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC60-24S05 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Output power
60 Watts max
Voltage accuracy
Full load and nominal Vin
± 2%
Voltage adjustability
± 10%
Minimum load (Note 1)
FDC60-XXD3305 3.3V output
Others
800mA, min
10% of FL
Line regulation
LL to HL at Full Load
± 0.5%
Load regulation
10% to 100% FL
± 0.5%
Cross regulation (Note 2)
± 5%
Ripple and noise
20MHz bandwidth
1%/p-p of Vout max
Temperature coefficient
I0.02% / ºC, max
Transient response recovery time 25% load step change
500uS
Over voltage protection
Zener diode clamp
3.3V output
5V output
12V output
15V output
3.9V
6.2V
15V
18V
Short circuit protection
Hiccup, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
12V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple (Note 3) Nominal Vin and full load
40mAp-p
Start up time
Nominal Vin and constant resistor load
25mS typ
Remote ON/OFF
Remote off input current
DC-DC ON
DC-DC OFF
Nominal input
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
30mA
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
1600VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
1000pF, max
Switching frequency
200KHz, typ
Design meet safety standard
UL1950, EN60950
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
3.94 X 2.76 X 0.75 Inches
(100.2 X 70.0 X 19.0 mm)
Weight
280g (9.86oz)
MTBF (Note 4)
1.533 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-25ºC ~ +71ºC (with derating)
Maximum case temperature
+95ºC
Storage temperature range
-25ºC ~ +100ºC
Thermal impedance
5.2ºC/watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 2G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Level A
Radiated emissions
EN55022
Level A
Conducted immunity
EN61000-4-6
Perf. Criteria2
Radiated immunity
EN61000-4-3
Perf. Criteria2
Surge
EN61000-4-5
Perf. Criteria2
Fast transient
EN61000-4-4
Perf. Criteria2
ESD
EN61000-4-2
Perf. Criteria2
The FDC60 series offer 60 watts of output power from a 3.94 x 2.76 x 0.75 inch package.
The FDC60 series have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. The FDC60
features 1600VDC of isolation, short-circuit and over-voltage protection, as well as six
sided shielding. Designed meets the safety of EN60950 and UL1950. All models are
particularly suited to telecommunications, industrial, mobile telecom and test equipment
applications.
TECHNIC A L SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
60 WATTS OUTPUT POWER
2:1 WIDE INPUT VOLTAGE RANGE
DESIGN MEET SAFETY STANDARD
SIX-SIDED CONTINUOUS SHIELD
HIGH EFFICIENCY UP TO 90%
3.94” X 2.76” X 0.75” PACKAGE
FIXED SWITCHING FREQUENCY


Podobny numer części - FDC60-24S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
FDC60-24S05 ASTRODYNE-FDC60-24S05 Datasheet
291Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
FDC60-24S05 ASTRODYNE-FDC60-24S05 Datasheet
193Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
More results

Podobny opis - FDC60-24S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Mate Technology C...
FEC60-24S3P3 P-DUKE-FEC60-24S3P3 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
logo
DATEL, Inc.
QBR DATEL-QBR_17 Datasheet
915Kb / 15P
   Isolated Output 60 Watts
logo
Astec America, Inc
ALQ15-DUAL ASTEC-ALQ15-DUAL Datasheet
408Kb / 2P
   60 Watts Dual Output Converter
logo
Wall Industries,Inc.
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
   Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
logo
Artesyn Technologies
NPS62-M ARTESYN-NPS62-M Datasheet
589Kb / 3P
   Total Power: 60 Watts
logo
Wall Industries,Inc.
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
logo
Powerbox
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
logo
Tumbler Technologies + ...
TRA60 TRUMPOWER-TRA60 Datasheet
221Kb / 1P
   60 ~ 72 Watts Power Adapters
logo
Artesyn Technologies
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
   Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
   Total Power: 55 - 60 Watts
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com