Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25183 Arkusz danych(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25183
Szczegółowy opis  LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25183 Arkusz danych(HTML) 24 Page - Texas Instruments

Back Button LM25183 Datasheet HTML 20Page - Texas Instruments LM25183 Datasheet HTML 21Page - Texas Instruments LM25183 Datasheet HTML 22Page - Texas Instruments LM25183 Datasheet HTML 23Page - Texas Instruments LM25183 Datasheet HTML 24Page - Texas Instruments LM25183 Datasheet HTML 25Page - Texas Instruments LM25183 Datasheet HTML 26Page - Texas Instruments LM25183 Datasheet HTML 27Page - Texas Instruments LM25183 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
I
OUT1 = 0.3 A
C
IN
2 x
22
F
10
F
T
1
V
IN = 4.5 V...42 V
1 : 1.5 : 1.5
R
SET
12.1 k:
R
FB
102 k:
D
CLAMP
D
F
R
TC
221 k:
D
OUT1
18 V
9 PH
V
OUT1 = 15 V
D
OUT2
18 V
SW
FB
VIN
EN/UVLO
TC
GND
SS/BIAS
RSET
LM25183
D
FLY1
C
OUT1
C
OUT2
D
FLY2
I
OUT2 =
±0.3 A
V
OUT2 =
±15 V
20 V
2 x
22
F
24
LM25183
SNVSBJ3 – APRIL 2020
www.ti.com
Product Folder Links: LM25183
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2.3 Design 2: PSR Flyback Converter With Dual Outputs of 15 V and –15 V at 0.3 A
The schematic diagram of a dual-output flyback converter intended for isolated IGBT and SiC MOSFET gate
drive power supply applications is given in Figure 34.
Figure 34. Schematic for Design 2 With VIN(nom) = 24 V, VOUT1 = 15 V, VOUT2 = –15 V, IOUT = 0.3 A
8.2.3.1 Design Requirements
The required input, output, and performance parameters for this application example are shown in Table 4.
Table 4. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady state)
4.5 V to 42 V
Output 1 voltage and current (at VIN ≥ 24 V)
15 V, 0.3 A
Output 2 voltage and current (at VIN ≥ 24 V)
–15 V, 0.3 A
Input UVLO thresholds
4.5 V on, 4 V off
Output voltage regulation
±2%
The target full-load efficiency of this LM25183 design is 90% based on a nominal input voltage of 24 V and
isolated output voltages of 15 V and –15 V sharing a common return. The selected flyback converter components
are cited in Table 5, including the following:
A multi-winding flyback transformer
Input and output capacitors
Flyback rectifying diodes
A flyback converter IC


Podobny numer części - LM25183

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25183 TI1-LM25183 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
More results

Podobny opis - LM25183

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM25184 TI1-LM25184 Datasheet
1Mb / 37P
[Old version datasheet]   LM25184 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated Power MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com