Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSP430F479 Arkusz danych(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Numer części MSP430F479
Szczegółowy opis  MSP430F47x Mixed-Signal Microcontrollers
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F479 Arkusz danych(HTML) 13 Page - Texas Instruments

Back Button MSP430F479 Datasheet HTML 9Page - Texas Instruments MSP430F479 Datasheet HTML 10Page - Texas Instruments MSP430F479 Datasheet HTML 11Page - Texas Instruments MSP430F479 Datasheet HTML 12Page - Texas Instruments MSP430F479 Datasheet HTML 13Page - Texas Instruments MSP430F479 Datasheet HTML 14Page - Texas Instruments MSP430F479 Datasheet HTML 15Page - Texas Instruments MSP430F479 Datasheet HTML 16Page - Texas Instruments MSP430F479 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
Supply voltage range
during program
execution
Supply voltage range
during flash memory programming
13
MSP430F479, MSP430F478, MSP430F477
www.ti.com
SLAS629B – MARCH 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F479 MSP430F478 MSP430F477
Specifications
Copyright © 2009–2020, Texas Instruments Incorporated
(1)
In LF mode, the LFXT1 oscillator requires a watch crystal. In XT1 mode, LFXT1 accepts a ceramic resonator or a crystal.
5.3
Recommended Operating Conditions
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
During program execution (AVCC = DVCC1 = DVCC2 = VCC)
1.8
3.6
V
During flash memory programming (AVCC = DVCC1 = DVCC2 =
VCC)
2.7
3.6
VSS
Supply ground (AVSS = DVSS1 = DVSS2 = VSS)
0
0
V
TA
Operating free-air temperature range
–40
85
°C
f(LFXT1)
LFXT1 crystal
frequency(1)
LF selected, XTS_FLL = 0
Watch crystal
32.768
kHz
XT1 selected, XTS_FLL = 1
Ceramic resonator
0.45
6
MHz
XT1 selected, XTS_FLL = 1
Crystal
1
6
f(XT2)
XT2 crystal frequency
Ceramic resonator
0.45
8
MHz
Crystal
1
8
f(System)
Processor frequency (MCLK, SMCLK, ACLK)
VCC = 1.8 V
DC
4.15
MHz
VCC = 2.5 V
DC
8
Figure 5-1. Frequency vs Supply Voltage


Podobny numer części - MSP430F479

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430F479 TI1-MSP430F479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793 TI1-MSP430F4793 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
937Kb / 46P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 76P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 79P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Podobny opis - MSP430F479

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com