Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSP430F2619 Arkusz danych(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Numer części MSP430F2619
Szczegółowy opis  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619 Arkusz danych(HTML) 15 Page - Texas Instruments

Back Button MSP430F2619 Datasheet HTML 11Page - Texas Instruments MSP430F2619 Datasheet HTML 12Page - Texas Instruments MSP430F2619 Datasheet HTML 13Page - Texas Instruments MSP430F2619 Datasheet HTML 14Page - Texas Instruments MSP430F2619 Datasheet HTML 15Page - Texas Instruments MSP430F2619 Datasheet HTML 16Page - Texas Instruments MSP430F2619 Datasheet HTML 17Page - Texas Instruments MSP430F2619 Datasheet HTML 18Page - Texas Instruments MSP430F2619 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 120 page
background image
15
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
www.ti.com
SLAS541L – JUNE 2007 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Terminal Configuration and Functions
Copyright © 2007–2020, Texas Instruments Incorporated
4.2
Signal Descriptions
Table 4-1 describes the signals for all device variants and package options.
Table 4-1. Signal Descriptions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
PM
64
‑‑PIN
PN
80
‑‑PIN
ZCA or
ZQW
113
‑‑PIN
AVCC
64
80
A2
Analog supply voltage, positive terminal. Supplies only the analog
portion of ADC12 and DAC12.
AVSS
62
78
B2, B3
Analog supply voltage, negative terminal. Supplies only the analog
portion of ADC12 and DAC12.
DVCC1
1
1
A1
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS1
63
79
A3
Digital supply voltage, negative terminal. Supplies all digital parts.
DVCC2
52
F12
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS2
53
E12
Digital supply voltage, negative terminal. Supplies all digital parts.
P1.0/TACLK/CAOUT
12
12
G2
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
Comparator_A output
P1.1/TA0
13
13
H1
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: Out0 output
BSL transmit
P1.2/TA1
14
14
H2
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
15
15
J1
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK
16
16
J2
I/O
General-purpose digital I/O pin
SMCLK signal output
P1.5/TA0
17
17
K1
I/O
General-purpose digital I/O pin
Timer_A, compare: Out0 output
P1.6/TA1
18
18
K2
I/O
General-purpose digital I/O pin
Timer_A, compare: Out1 output
P1.7/TA2
19
19
L1
I/O
General-purpose digital I/O pin
Timer_A, compare: Out2 output
P2.0/ACLK/CA2
20
20
M1
I/O
General-purpose digital I/O pin
ACLK output
Comparator_A input
P2.1/TAINCLK/CA3
21
21
M2
I/O
General-purpose digital I/O pin
Timer_A, clock signal at INCLK
P2.2/CAOUT/TA0/CA4
22
22
M3
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0B input
Comparator_A output
BSL receive
Comparator_A input
P2.3/CA0/TA1
23
23
L3
I/O
General-purpose digital I/O pin
Timer_A, compare: Out1 output
Comparator_A input


Podobny numer części - MSP430F2619

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430F2619 TI1-MSP430F2619 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI-MSP430F2619S-HT Datasheet
1Mb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 99P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

Podobny opis - MSP430F2619

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com