Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSP430F2619 Arkusz danych(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Numer części MSP430F2619
Szczegółowy opis  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619 Arkusz danych(HTML) 20 Page - Texas Instruments

Back Button MSP430F2619 Datasheet HTML 16Page - Texas Instruments MSP430F2619 Datasheet HTML 17Page - Texas Instruments MSP430F2619 Datasheet HTML 18Page - Texas Instruments MSP430F2619 Datasheet HTML 19Page - Texas Instruments MSP430F2619 Datasheet HTML 20Page - Texas Instruments MSP430F2619 Datasheet HTML 21Page - Texas Instruments MSP430F2619 Datasheet HTML 22Page - Texas Instruments MSP430F2619 Datasheet HTML 23Page - Texas Instruments MSP430F2619 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 120 page
background image
20
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
SLAS541L – JUNE 2007 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Specifications
Copyright © 2007–2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is
applied to the TEST pin when blowing the JTAG fuse.
(3)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
5
Specifications
5.1
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Voltage applied at VCC to VSS
–0.3
4.1
V
Voltage applied to any pin(2)
–0.3
VCC + 0.3
V
Diode current at any device terminal
–2
2
mA
Storage temperature, Tstg
(3)
Unprogrammed device
–55
150
°C
Programmed device
–55
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as
±1000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±250 V
may actually have higher performance.
5.2
ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
TI recommends powering AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can be
tolerated during power up.
(2)
The MSP430 CPU is clocked directly with MCLK. Both the high and low phases of MCLK must not exceed the pulse duration of the
specified maximum frequency.
(3)
Modules might have a different maximum input clock specification. See the specification of the respective module in this data sheet.
5.3
Recommended Operating Conditions
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage (AVCC = DVCC = VCC
(1))
During program execution
1.8
3.6
V
During flash program or erase
2.2
3.6
VSS
Supply voltage (AVSS = DVSS = VSS)
0
0
V
TA
Operating free-air temperature
T version
–40
105
°C
fSYSTEM
Processor frequency (maximum MCLK frequency)(2)(3) (see
Figure 5-1)
VCC = 1.8 V,
Duty cycle = 50% ±10%
DC
4.15
MHz
VCC = 2.7 V,
Duty cycle = 50% ±10%
DC
12
VCC ≥ 3.3 V,
Duty cycle = 50% ±10%
DC
16


Podobny numer części - MSP430F2619

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430F2619 TI1-MSP430F2619 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI-MSP430F2619S-HT Datasheet
1Mb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 99P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

Podobny opis - MSP430F2619

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com