Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSP430F5310 Arkusz danych(PDF) 86 Page - Texas Instruments

Numer części MSP430F5310
Szczegółowy opis  MSP430F5310, MSP430F530x Mixed-Signal Microcontrollers
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5310 Arkusz danych(HTML) 86 Page - Texas Instruments

Back Button MSP430F5310_V01 Datasheet HTML 82Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 83Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 84Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 85Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 86Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 87Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 88Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 89Page - Texas Instruments MSP430F5310_V01 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
86
MSP430F5310, MSP430F5309, MSP430F5308, MSP430F5304
SLAS677G – SEPTEMBER 2010 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F5310 MSP430F5309 MSP430F5308 MSP430F5304
Detailed Description
Copyright © 2010–2020, Texas Instruments Incorporated
Table 6-53. Device Descriptors(1) (continued)
DESCRIPTION
ADDRESS
SIZE
(bytes)
VALUE
F5304
F5308
RGC,
ZXH, ZQE
F5308
RGZ, PT
F5309
RGC,
ZXH, ZQE
F5309
RGZ, PT
F5310
RGC,
ZXH, ZQE
F5310
RGZ, PT
Peripheral
Descriptor
Peripheral descriptor tag
01A2Eh
1
02h
02h
02h
02h
02h
02h
02h
Peripheral descriptor length
01A2Fh
1
5Ch
60h
60h
61h
61h
60h
60h
Memory 1
2
08h
8Ah
08h
8Ah
08h
8Ah
08h
8Ah
08h
8Ah
08h
8Ah
08h
8Ah
Memory 2
2
0Ch
86h
0Ch
86h
0Ch
86h
0Ch
86h
0Ch
86h
0Ch
86h
0Ch
86h
Memory 3
2
0Eh
2Dh
0Eh
2Dh
0Eh
2Dh
0Eh
2Dh
0Eh
2Dh
0Eh
2Dh
0Eh
2Dh
Memory 4
2
2Ah
70h
2Ah
60h
2Ah
60h
2Ah
50h
2Ah
50h
2Ah
40h
2Ah
40h
Memory 5
2/1
8Eh
90h
90h
91h
8Eh
91h
8Eh
92h
92h
Delimiter
1
00h
00h
00h
00h
00h
00h
00h
Peripheral count
1
1Eh
20h
20h
20h
20h
20h
20h
MSP430CPUXV2
2
00h
23h
00h
23h
00h
23h
00h
23h
00h
23h
00h
23h
00h
23h
JTAG
2
00h
09h
00h
09h
00h
09h
00h
09h
00h
09h
00h
09h
00h
09h
SBW
2
00h
0Fh
00h
0Fh
00h
0Fh
00h
0Fh
00h
0Fh
00h
0Fh
00h
0Fh
EEM-S
2
00h
03h
00h
03h
00h
03h
00h
03h
00h
03h
00h
03h
00h
03h
TI BSL
2
00h
FCh
00h
FCh
00h
FCh
00h
FCh
00h
FCh
00h
FCh
00h
FCh
SFR
2
10h
41h
10h
41h
10h
41h
10h
41h
10h
41h
10h
41h
10h
41h
PMM
2
02h
30h
02h
30h
02h
30h
02h
30h
02h
30h
02h
30h
02h
30h
FCTL
2
02h
38h
02h
38h
02h
38h
02h
38h
02h
38h
02h
38h
02h
38h
CRC16
2
01h
3Ch
01h
3Ch
01h
3Ch
01h
3Ch
01h
3Ch
01h
3Ch
01h
3Ch
CRC16_RB
2
00h
3Dh
00h
3Dh
00h
3Dh
00h
3Dh
00h
3Dh
00h
3Dh
00h
3Dh
RAMCTL
2
00h
44h
00h
44h
00h
44h
00h
44h
00h
44h
00h
44h
00h
44h
WDT_A
2
00h
40h
00h
40h
00h
40h
00h
40h
00h
40h
00h
40h
00h
40h
UCS
2
01h
48h
01h
48h
01h
48h
01h
48h
01h
48h
01h
48h
01h
48h
SYS
2
02h
42h
02h
42h
02h
42h
02h
42h
02h
42h
02h
42h
02h
42h
REF
2
03h
A0h
03h
A0h
03h
A0h
03h
A0h
03h
A0h
03h
A0h
03h
A0h
Port Mapping
2
01h
10h
01h
10h
01h
10h
01h
10h
01h
10h
01h
10h
01h
10h
Port 1 and 2
2
04h
51h
04h
51h
04h
51h
04h
51h
04h
51h
04h
51h
04h
51h
Port 3 and 4
2
02h
52h
02h
52h
02h
52h
02h
52h
02h
52h
02h
52h
02h
52h
Port 5 and 6
2
02h
53h
02h
53h
02h
53h
02h
53h
02h
53h
02h
53h
02h
53h


Podobny numer części - MSP430F5310_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430F5310IPT TI-MSP430F5310IPT Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPT TI1-MSP430F5310IPT Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI-MSP430F5310IPTR Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IPTR TI1-MSP430F5310IPTR Datasheet
1Mb / 100P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5310IRGC TI-MSP430F5310IRGC Datasheet
1Mb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Podobny opis - MSP430F5310_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430F5310 TI1-MSP430F5310 Datasheet
1Mb / 106P
[Old version datasheet]   MSP430F5310 and MSP430F530x Mixed-Signal Microcontrollers
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com