Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CL10B103KB8NNNC Arkusz danych(PDF) 14 Page - Samsung semiconductor

Numer części CL10B103KB8NNNC
Szczegółowy opis  Multi-layer Ceramic Capacitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10B103KB8NNNC Arkusz danych(HTML) 14 Page - Samsung semiconductor

Back Button CL10B103KB8NNNC Datasheet HTML 10Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 11Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 12Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 13Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 14Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 15Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 16Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 17Page - Samsung semiconductor CL10B103KB8NNNC Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MLCC Pro
2-7. DC &
It is r
dielec
2-7-1. Pleas
parti
capa
chara
2-7-2. It is
since
AC v
oduct Ma
& AC Voltag
required to c
ctric constan
se ensure th
cular, when
citance toler
acteristics an
necessary to
e the capacit
voltage.
nual
ge Charact
consider volt
nt MLCC(Cla
e capacitanc
high dielect
rance, a syst
nd aging cha
*
o consider th
tance value
[ E
* S
teristics
tage charact
ss II) is chan
ce change is
ric constant
tem should b
aracteristics
[ Example of
Sample : X5
he AC voltag
of high diele
Example of A
Sample : X5R
teristics in th
nged by app
s within the
type MLCC
be designed
of MLCC.
f DC Bias cha
R 10uF, Rate
ge character
ectric consta
AC voltage c
R 10uF, Rate
he circuit sin
plied DC & A
allowed ope
(Class II) is
d with consid
aracteristics ]
d voltage 6.3
istics of MLC
ant type MLC
characteristic
ed voltage 6.
nce the capa
AC voltage.
erating range
used in circu
dering DC vo
3V
CC and the A
CC (Class II)
cs ]
.3V
acitance valu
e of a system
uit with narr
oltage, temp
AC voltage o
varies with
e of high
m. In
row allowed
perature
of a system,
the applied
14


Podobny numer części - CL10B103KB8NNNC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
CL10B103KB8NNN SAMSUNG-CL10B103KB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL10B103KB8NNND SAMSUNG-CL10B103KB8NNND Datasheet
282Kb / 3P
   CAP, 10nF, 50V, 짹10%, X7R, 0603
More results

Podobny opis - CL10B103KB8NNNC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com