Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSP430FG4619 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części MSP430FG4619
Szczegółowy opis  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG4619 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button MSP430FG4619_V01 Datasheet HTML 6Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 7Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 8Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 9Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 10Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 11Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 12Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 13Page - Texas Instruments MSP430FG4619_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
10
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
SLAS508K – APRIL 2006 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Terminal Configuration and Functions
Copyright © 2006–2020, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
SIGNAL NAME
PIN NO.
I/O
DESCRIPTION
PZ
ZCA,
ZQW
P7.6
39
L6
I/O
General-purpose digital I/O
S27
LCD segment output 27
P7.5
40
J6
I/O
General-purpose digital I/O
S28
LCD segment output 28
P7.4
41
M7
I/O
General-purpose digital I/O
S29
LCD segment output 29
P7.3
42
H6
I/O
General-purpose digital I/O
UCA0CLK
External clock input – USCI_A0 in UART or SPI mode,
Clock output – USCI_A0 in SPI mode
S30
LCD segment 30
P7.2
43
L7
I/O
General-purpose digital I/O
UCA0SOMI
Slave out/master in of USCI_A0 in SPI mode
S31
LCD segment output 31
P7.1
44
M8
I/O
General-purpose digital I/O
UCA0SIMO
Slave in/master out of USCI_A0 in SPI mode
S32
LCD segment output 32
P7.0
45
L8
I/O
General-purpose digital I/O
UCA0STE
Slave transmit enable – USCI_A0 in SPI mode
S33
LCD segment output 33
P4.7
46
J7
I/O
General-purpose digital I/O
UCA0RXD
Receive data in – USCI_A0 in UART or IrDA mode
S34
LCD segment output 34
P4.6
47
M9
I/O
General-purpose digital I/O
UCA0TXD
Transmit data out – USCI_A0 in UART or IrDA mode
S35
LCD segment output 35
P4.5
48
L9
I/O
General-purpose digital I/O
UCLK1
External clock input – USART1 in UART or SPI mode,
Clock output – USART1 in SPI MODE
S36
LCD segment output 36
P4.4
49
H7
I/O
General-purpose digital I/O
SOMI1
Slave out/master in of USART1 in SPI mode
S37
LCD segment output 37
P4.3
50
M10
I/O
General-purpose digital I/O
SIMO1
Slave in/master out of USART1 in SPI mode
S38
LCD segment output 38
P4.2
51
M11
I/O
General-purpose digital I/O
STE1
Slave transmit enable – USART1 in SPI mode
S39
LCD segment output 39
COM0
52
L10
O
Common output, COM0 for LCD backplanes
P5.2
53
L12
I/O
General-purpose digital I/O
COM1
Common output, COM1 for LCD backplanes
P5.3
54
J8
I/O
General-purpose digital I/O
COM2
Common output, COM2 for LCD backplanes
P5.4
55
K12
I/O
General-purpose digital I/O
COM3
Common output, COM3 for LCD backplanes


Podobny numer części - MSP430FG4619_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI-MSP430FG4619IPZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4619IPZ TI1-MSP430FG4619IPZ Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Podobny opis - MSP430FG4619_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com