Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ET1100 Arkusz danych(PDF) 89 Page - Beckhoff Automation GmbH & Co. KG

Numer części ET1100
Szczegółowy opis  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Strona internetowa  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1100 Arkusz danych(HTML) 89 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1100 Datasheet HTML 85Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 86Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 87Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 88Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 89Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 90Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 91Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 92Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 93Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
PDI Description
Slave Controller
– ET1100 Hardware Description
III-75
6.4
Asynchronous 8/16 bit µController Interface
6.4.1
Interface
The asynchronous µController interface uses demultiplexed address and data busses. The
bidirectional data bus can be either 8 bit or 16 bit wide. The signals of the asynchronous µController
interface of EtherCAT devices are:
8/16 bit
µController
(async)
CS
ADR
BHE
DATA
BUSY
EtherCAT
device
IRQ
RD
WR
EEPROM_LOADED
Figure 32: µController interconnection3
Table 68: µController signals
Signal
async
Direction
Description
Signal polarity
CS
IN
(µC → ESC)
Chip select
Typical: act. low
ADR[15:0]
IN
(µC → ESC)
Address bus
Typical: act. high
BHE
IN
(µC → ESC)
Byte High Enable (16 bit µController
interface only)
Typical: act. low
RD
IN
(µC → ESC)
Read command
Typical: act. low
WR
IN
(µC → ESC)
Write command
Typical: act. low
DATA[15:0]
BD
(µC
↔ ESC)
Data bus for 16 bit µController
interface
act. high
DATA[7:0]
BD
(µC
↔ ESC)
Data bus for 8 bit µController interface
act. high
BUSY
OUT
(ESC → µC)
EtherCAT device is busy
Typical: act. low
IRQ
OUT
(ESC → µC)
Interrupt
Typical: act. low
EEPROM_
LOADED
OUT
(ESC → µC)
PDI is active, EEPROM is loaded
act. high
Some µControllers have a READY signal, this is the same as the BUSY signal, just with inverted
polarity.
6.4.2
Configuration
The 16 bit asynchronous µController interface is selected with PDI type 0x08 in the PDI control
register 0x0140, the 8 bit asynchronous µController interface has PDI type 0x09. It supports different
configurations, which are located in registers 0x0150
– 0x0153.
3 All signals are denoted with typical polarity configuration.


Podobny numer części - ET1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
Copal Electronics
ET110A10-Z COPAL-ET110A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A12-Z COPAL-ET110A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A13-Z COPAL-ET110A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A32-Z COPAL-ET110A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

Podobny opis - ET1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com