Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ET1200 Arkusz danych(PDF) 46 Page - Beckhoff Automation GmbH & Co. KG

Numer części ET1200
Szczegółowy opis  Slave Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Strona internetowa  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1200 Arkusz danych(HTML) 46 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1200 Datasheet HTML 42Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 43Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 44Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 45Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 46Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 47Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 48Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 49Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 50Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
PDI Description
III-36
Slave Controller
– ET1200 Hardware Description
6.3.4
Commands
The command CMD0 in the second address/command byte may be READ, WRITE, NOP, or Address
Extension. The command CMD1 in the third address/command byte may have the same values:
Table 39: SPI commands CMD0 and CMD1
CMD[2]
CMD[1]
CMD[0]
Command
0
0
0
NOP (no operation)
0
0
1
reserved
0
1
0
Read
0
1
1
reserved
1
0
0
Write
1
0
1
reserved
1
1
0
Address Extension (3 address/command bytes)
1
1
1
reserved
6.3.5
Address modes
The SPI slave interface supports two address modes, 2 byte addressing and 3 byte addressing. With
two byte addressing, the lower 13 address bits A[12:0] are selected by the SPI master, while the upper
3 bits A[15:13] are assumed to be 000b inside the SPI slave, thus only the first 8 Kbyte in the
EtherCAT slave address space can be accessed. Three byte addressing is used for accessing the
whole 64 Kbyte address space of an EtherCAT slave.
Table 40: Address modes
Byte
2 Byte address mode
3 Byte address mode
0
A[12:5]
address bits [12:5]
A[12:5]
address bits [12:5]
1
A[4:0]
address bits [4:0]
CMD0[2:0] read/write command
A[4:0]
address bits [4:0]
CMD0[2:0] 3 byte addressing: 110b
2
D0[7:0]
data byte 0
A[15:13]
address bits [15:13]
CMD1[2:0] read/write command
res[1:0]
two reserved bits, set to 00b
3
D1[7:0]
data byte 1
D0[7:0]
data byte 0
4 ff.
D2[7:0]
data byte 2
D1[7:0]
data byte 1
6.3.6
Interrupt request register (AL Event register)
During the address phase, the SPI slave transmits the PDI interrupt request registers 0x0220-0x0221
(2 byte address mode), and additionally register 0x0222 for 3 byte addressing on SPI_DO (MISO):
Table 41: Interrupt request register transmission
Byte
2 Byte address mode
3 Byte address mode
SPI_DI
(MOSI)
SPI_DO
(MISO)
SPI_DI
(MOSI)
SPI_DO
(MISO)
0
A[12:5]
I0[7:0]
interrupt request
register 0x0220
A[12:5]
I0[7:0]
interrupt request register
0x0220
1
A[4:0]
CMD0[2:0]
I1[7:0]
interrupt request
register 0x0221
A[4:0]
CMD0[2:0]
I1[7:0]
interrupt request register
0x0221
2
(Data phase)
A[15:13]
CMD1[2:0]
I2[7:0]
interrupt request register
0x0222


Podobny numer części - ET1200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
ET120-103 VISHAY-ET120-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-104 VISHAY-ET120-104 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-202 VISHAY-ET120-202 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-203 VISHAY-ET120-203 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-502 VISHAY-ET120-502 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

Podobny opis - ET1200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com