Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSP430FR6007 Arkusz danych(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Numer części MSP430FR6007
Szczegółowy opis  MSP430FR600x Ultrasonic Sensing MSP430??Microcontrollers for Water?멝etering Applications
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6007 Arkusz danych(HTML) 76 Page - Texas Instruments

Back Button MSP430FR6007 Datasheet HTML 72Page - Texas Instruments MSP430FR6007 Datasheet HTML 73Page - Texas Instruments MSP430FR6007 Datasheet HTML 74Page - Texas Instruments MSP430FR6007 Datasheet HTML 75Page - Texas Instruments MSP430FR6007 Datasheet HTML 76Page - Texas Instruments MSP430FR6007 Datasheet HTML 77Page - Texas Instruments MSP430FR6007 Datasheet HTML 78Page - Texas Instruments MSP430FR6007 Datasheet HTML 79Page - Texas Instruments MSP430FR6007 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 179 page
background image
76
MSP430FR6007, MSP430FR6005
SLASEV3 – MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR6007 MSP430FR6005
Detailed Description
Copyright © 2020, Texas Instruments Incorporated
(1)
Multiple source flags
(2)
(Non)maskable: the individual interrupt enable bit can disable an interrupt event, but the general interrupt enable cannot disable it.
(3)
A reset is generated if the CPU tries to fetch instructions from within peripheral space.
The signatures start at 0FF80h and extend to higher addresses. Signatures are evaluated during device
start-up. Table 6-5 shows the device-specific signature locations.
A JTAG password can be programmed starting from address 0FF88h and extending to higher addresses.
The password can extend into the interrupt vector locations using the interrupt vector addresses as
additional bits for the password. The length of the JTAG password depends on the JTAG signature.
See the chapter System Resets, Interrupts, and Operating Modes, System Control Module (SYS) in the
MSP430FR58xx, MSP430FR59xx, and MSP430FR6xx Family User's Guide for details.
Table 6-4. Interrupt Sources, Flags, and Vectors
INTERRUPT SOURCE
INTERRUPT FLAG
INTERRUPT
VECTOR
REGISTER
SYSTEM
INTERRUPT
WORD
ADDRESS
PRIORITY
System Reset
SYSRSTIV(1)
Reset
0FFFEh
Highest
Power up, brownout, supply
supervisor
SVSHIFG
External reset, RST
PMMRSTIFG
Watchdog time-out
(watchdog mode)
WDTIFG
WDT, FRCTL MPU, CS,
PMM password violation
WDTPW, FRCTLPW, MPUPW, CSPW,
PMMPW
FRAM uncorrectable bit
error detection
UBDIFG
MPU segment violation
MPUSEG1IFG, MPUSEG2IFG,
MPUSEG3IFG
Software POR, BOR
PMMPORIFG, PMMBORIFG
System NMI
SYSSNIV(1)
(Non)maskable(2)
0FFFCh
Vacant memory access(3)
VMAIFG
JTAG mailbox
JMBINIFG, JMBOUTIFG
FRAM access time error
ACCTEIFG
FRAM write protection error
WPIFG
FRAM bit error detection
CBDIFG
MPU segment violation
MPUSEG1IFG, MPUSEG2IFG,
MPUSEG3IFG
User NMI
SYSUNIV(1)
(Non)maskable(2)
0FFFAh
External NMI
NMIIFG
Oscillator fault
OFIFG
LEA RAM access conflict
DACCESSIFG
Comparator_E
CEIFG, CEIIFG
CEIV(1)
Maskable
0FFF8h
TB0
TB0CCR0.CCIFG
Maskable
0FFF6h
TB0
TB0CCR1.CCIFG to TB0CCR6.CCIFG,
TB0CTL.TBIFG
TB0IV(1)
Maskable
0FFF4h
Watchdog timer (interval
timer mode)
WDTIFG
Maskable
0FFF2h
eUSCI_A0 receive or
transmit
UCA0IFG: UCRXIFG, UCTXIFG (SPI
mode)
UCA0IFG: UCSTTIFG, UCTXCPTIFG,
UCRXIFG, UCTXIFG (UART mode)
UCA0IV(1)
Maskable
0FFF0h


Podobny numer części - MSP430FR6007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430FR6035 TI1-MSP430FR6035 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZ TI1-MSP430FR6035IPZ Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZR TI1-MSP430FR6035IPZR Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6037 TI1-MSP430FR6037 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR60371 TI1-MSP430FR60371 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results

Podobny opis - MSP430FR6007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6047 TI1-MSP430FR6047 Datasheet
1Mb / 177P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
[Old version datasheet]   ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com