Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EVK-NINA-B1 Arkusz danych(PDF) 11 Page - u-blox AG

Numer części EVK-NINA-B1
Szczegółowy opis  Evaluation kit for NINA-B1 modules
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  U-BLOX [u-blox AG]
Strona internetowa  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-NINA-B1 Arkusz danych(HTML) 11 Page - u-blox AG

Back Button EVK-NINA-B1 Datasheet HTML 7Page - u-blox AG EVK-NINA-B1 Datasheet HTML 8Page - u-blox AG EVK-NINA-B1 Datasheet HTML 9Page - u-blox AG EVK-NINA-B1 Datasheet HTML 10Page - u-blox AG EVK-NINA-B1 Datasheet HTML 11Page - u-blox AG EVK-NINA-B1 Datasheet HTML 12Page - u-blox AG EVK-NINA-B1 Datasheet HTML 13Page - u-blox AG EVK-NINA-B1 Datasheet HTML 14Page - u-blox AG EVK-NINA-B1 Datasheet HTML 15Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
EVK-NINA-B1 - User guide
UBX-15028120 - R11
Product description
Page 11 of 21
Figure 6: Peripherals connection pin header of EVK-NINA-B1
1.7.3 NFC antenna interface
The NFC antenna interface is available on the J11 connector. The default configuration is shown in
Figure 7. 0 Ω resistors are mounted on R15 and R16. This connects the J11 NFC antenna connector
to pins 28 and 29 of the NINA-B1 module. If NFC is not needed, and pins 28 and 29 are used as GPIOs
available on connector J3, then resistors on R15 and R16 should be removed and instead mounted on
R13 and R14.
Figure 7: NFC antenna interface J11 of EVK-NINA-B1
1.7.4 Current measurement
The EVK-NINA-B1 offers the possibility to measure current consumption for the NINA-B1 module.
Figure 8: Current measurement pin header J15 of EVK-NINA-B1
The current consumption for the NINA-B1 module on the EVK-NINA-B1 can be measured in two ways
as explained in the following subsections.


Podobny numer części - EVK-NINA-B1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
u-blox AG
EVK-N300 U-BLOX-EVK-N300 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
EVK-N310 U-BLOX-EVK-N310 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
EVK-NORA-B1 U-BLOX-EVK-NORA-B1 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
EVK-NORA-B106 U-BLOX-EVK-NORA-B106 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
More results

Podobny opis - EVK-NINA-B1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
u-blox AG
EVK-NORA-B1 U-BLOX-EVK-NORA-B1 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
EVK-ANNA-B4 U-BLOX-EVK-ANNA-B4 Datasheet
3Mb / 43P
   Evaluation kit for ANNA-B4 modules
Rev. R03 / 7-Dec-2021
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
   EVALUATION KIT FOR PA241DF
EK28 APEX-EK28 Datasheet
157Kb / 2P
   EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
   EVALUATION KIT FOR PA240CX
EK54 APEX-EK54 Datasheet
270Kb / 2P
   EVALUATION KIT FOR PA60DK
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
   EVALUATION KIT FOR SA51
EK-SA50 APEX-EK-SA50 Datasheet
144Kb / 1P
   EVALUATION KIT FOR SA50
EK55 APEX-EK55 Datasheet
270Kb / 2P
   EVALUATION KIT FOR PA62DK
EK22 APEX-EK22 Datasheet
526Kb / 5P
   EVALUATION KIT FOR PA94/PA95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com