Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPA375 Arkusz danych(PDF) 12 Page - Texas Instruments

Numer części OPA375
Szczegółowy opis  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

OPA375 Arkusz danych(HTML) 12 Page - Texas Instruments

Back Button OPA375_V02 Datasheet HTML 8Page - Texas Instruments OPA375_V02 Datasheet HTML 9Page - Texas Instruments OPA375_V02 Datasheet HTML 10Page - Texas Instruments OPA375_V02 Datasheet HTML 11Page - Texas Instruments OPA375_V02 Datasheet HTML 12Page - Texas Instruments OPA375_V02 Datasheet HTML 13Page - Texas Instruments OPA375_V02 Datasheet HTML 14Page - Texas Instruments OPA375_V02 Datasheet HTML 15Page - Texas Instruments OPA375_V02 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Output Current (mA)
10
20
30
40
50
60
-3
-2
-1
0
1
2
3
-40 C
°
25 C
°
85 C
°
125°C
125 C
°
85 C
°
25 C
°
-40 C
°
D010
2.5
1.5
0.5
-0.5
-1.5
-2.5
15
25
35
45
55
Frequency (Hz)
0
20
40
60
80
100
120
1k
10k
100k
1M
D011
PSRR (dB)
PSRR+ (dB)
Frequency (Hz)
-75
-75
-50
-50
-25
-25
0
0
25
25
50
50
75
75
100
100
1k
10k
100k
1M
10M
D006
Gain
Phase
Frequency (Hz)
-40
-30
-20
-10
0
10
20
30
40
1k
10k
100k
1M
10M
D007
Gain = -1
Gain = 10
Gain = 1
VCM (V)
-4
-3
-2
-1
0
1
2
3
4
-8
-6
-4
-2
0
2
4
6
8
D043
IB
IB+
IOS
Temperature (qC)
0
50
100
150
-120
-100
-80
-60
-40
-20
0
20
D044
IB
IB
IOS
12
OPA375, OPA2375
SBOS886B – NOVEMBER 2017 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA375 (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 7. IB and IOS vs Common-Mode Voltage
Figure 8. IB and IOS vs Temperature
CL = 10 pF
Figure 9. Open-Loop Gain and Phase vs Frequency
Figure 10. Closed-Loop Gain vs Frequency
Figure 11. VO vs I Sourcing and Sinking
Figure 12. PSRR vs Frequency (Referred to Input)


Podobny numer części - OPA375_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V04 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
More results

Podobny opis - OPA375_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
OPA375 TI-OPA375_V04 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375 Datasheet
1Mb / 28P
[Old version datasheet]   500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V03 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com