Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCM1840 Arkusz danych(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Numer części PCM1840
Szczegółowy opis  PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1840 Arkusz danych(HTML) 24 Page - Texas Instruments

Back Button PCM1840 Datasheet HTML 20Page - Texas Instruments PCM1840 Datasheet HTML 21Page - Texas Instruments PCM1840 Datasheet HTML 22Page - Texas Instruments PCM1840 Datasheet HTML 23Page - Texas Instruments PCM1840 Datasheet HTML 24Page - Texas Instruments PCM1840 Datasheet HTML 25Page - Texas Instruments PCM1840 Datasheet HTML 26Page - Texas Instruments PCM1840 Datasheet HTML 27Page - Texas Instruments PCM1840 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D002
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.5
-0.4
-0.4
-0.3
-0.3
-0.2
-0.2
-0.1
-0.1
0
0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
D002
Pass-Band Ripple
Phase Deviation
24
PCM1840
SBAS989 – APRIL 2019
www.ti.com
Product Folder Links: PCM1840
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 17. Low-Latency Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.457 × fS
–0.04
0.04
dB
Stop-band attenuation
Frequency range is 0.6 × fS onwards
88.3
dB
Group delay or latency
Frequency range is 0 to 0.368 × fS
8.7
1/fS
Group delay deviation
Frequency range is 0 to 0.368 × fS
–0.026
0.026
1/fS
Phase deviation
Frequency range is 0 to 0.368 × fS
–0.26
0.31
Degrees
7.3.7.2.2.4
Sampling Rate: 48 kHz or 44.1 kHz
Figure 44 shows the magnitude response and Figure 45 shows the pass-band ripple and phase deviation for a
decimation filter with a sampling rate of 48 kHz or 44.1 kHz. Table 18 lists the specifications for a decimation
filter with a 48-kHz or 44.1-kHz sampling rate.
Figure 44. Low-Latency Decimation Filter Magnitude
Response
Figure 45. Low-Latency Decimation Filter Pass-Band
Ripple and Phase Deviation
Table 18. Low-Latency Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.452 × fS
–0.015
0.015
dB
Stop-band attenuation
Frequency range is 0.6 × fS onwards
86.4
dB
Group delay or latency
Frequency range is 0 to 0.365 × fS
7.7
1/fS
Group delay deviation
Frequency range is 0 to 0.365 × fS
–0.027
0.027
1/fS
Phase deviation
Frequency range is 0 to 0.365 × fS
–0.25
0.30
Degrees


Podobny numer części - PCM1840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1800 TI1-PCM1800 Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
PCM1800E BURR-BROWN-PCM1800E Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1800E TI1-PCM1800E Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1800E/2K TI1-PCM1800E/2K Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - PCM1840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1822 TI-PCM1822 Datasheet
2Mb / 41P
[Old version datasheet]   PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM1822-Q1 TI-PCM1822-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
[Old version datasheet]   PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1820-Q1 TI-PCM1820-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1820-Q1 TI-PCM1820-Q1 Datasheet
3Mb / 44P
[Old version datasheet]   PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com