Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


SN74HC595-Q1 Datasheet(Arkusz danych) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC595-Q1
Szczegółowy opis  SN74HC595-Q1 8-Bit Shift Registers With 3-State Output Registers
Pobierz  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo 

 
 5 page
background image
5
SN74HC595-Q1
www.ti.com
SCLS804 – MARCH 2020
Product Folder Links: SN74HC595-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.4 Thermal Information
THERMAL METRIC
SN74HC595-Q1
UNIT
PW (TSSOP)
D (SOIC)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
151.7
133.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
79.4
89.0
°C/W
RθJB
Junction-to-board thermal resistance
94.7
89.5
°C/W
ΨJT
Junction-to-top characterization parameter
25.2
45.5
°C/W
ΨJB
Junction-to-board characterization parameter
94.1
89.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
-40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level
output voltage
VI = VIH or
VIL
IOH = –20 µA
2 V
1.9
1.998
1.9
V
4.5 V
4.4
4.499
4.4
6 V
5.9
5.999
5.9
QH', IOH = –4 mA
4.5 V
3.98
4.3
3.7
QA – QH, IOH = –6
mA
3.98
4.3
3.7
QH', IOH = –5.2 mA
6 V
5.48
5.8
5.2
QA – QH, IOH = –7.8
mA
5.48
5.8
5.2
VOL
Low-level
output voltage
VI = VIH or
VIL
IOL = 20 µA
2 V
0.002
0.1
0.1
V
4.5 V
0.001
0.1
0.1
6 V
0.001
0.1
0.1
QH', IOH = 4 mA
4.5 V
0.17
0.26
0.4
QA – QH, IOH = 6
mA
0.17
0.26
0.4
QH', IOH = 5.2 mA
6 V
0.15
0.26
0.4
QA – QH, IOH = 7.8
mA
0.15
0.26
0.4
II
Input leakage
current
VI = VCC or 0
6 V
±0.1
±1
µA
IOZ
VO = VCC or
0
QA – QH
6 V
±0.01
±0.5
±5
µA
ICC
Supply current
VI = VCC or 0 IO = 0
6 V
8
80
µA
Ci
Input
capacitance
2 V to 6
V
3
10
10
pF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL