Zakładka z wyszukiwarką danych komponentów |
|
SN74HC595-Q1 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
SN74HC595-Q1 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 18 page 6 SN74HC595-Q1 SCLS804 – MARCH 2020 www.ti.com Product Folder Links: SN74HC595-Q1 Submit Documentation Feedback Copyright © 2020, Texas Instruments Incorporated 6.6 Timing Characteristics CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement Information. PARAMETER VCC Operating free-air temperature (TA) UNIT 25°C –40°C to 125°C MIN MAX MIN MAX fclock Clock frequency 2 V 6 4.2 MHz 4.5 V 31 21 6 V 36 25 tw Pulse duration SRCLK or RCLK high or low 2 V 80 120 ns 4.5 V 16 24 6 V 14 20 SRCLR low 2 V 80 120 4.5 V 16 24 6 V 14 20 tsu Setup time SER before SRCLK ↑ 2 V 100 150 ns 4.5 V 20 30 6 V 17 25 SRCLK ↑ before RCLK ↑ 2 V 75 113 4.5 V 15 23 6 V 13 19 SRCLR low before RCLK ↑ 2 V 50 75 4.5 V 10 15 6 V 9 13 SRCLR high (inactive) before SRCLK ↑ 2 V 50 75 4.5 V 10 15 6 V 9 13 th Hold time SER after SRCLK ↑ 2 V 0 0 ns 4.5 V 0 0 6 V 0 0 6.7 Switching Characteristics CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement Information. PARAMETER FROM TO LOAD CAPACI TANCE VCC Operating free-air temperature (TA) UNIT 25°C –40°C to 125°C MIN TYP MAX MIN TYP MAX fmax Max switching frequency 50 pF 2 V 6 26 4.2 MHz 4.5 V 31 38 21 6 V 36 42 25 tpd Propagation delay SRCLK QH' 50 pF 2 V 50 160 240 ns 4.5 V 17 32 48 6 V 14 27 41 RCLK QA - QH 50 pF 2 V 50 150 225 4.5 V 17 30 45 6 V 14 26 38 RCLK QA - QH 150 pF 2 V 51 175 261 4.5 V 18 35 52 6 V 15 30 44 |
Podobny numer części - SN74HC595-Q1 |
|
Podobny opis - SN74HC595-Q1 |