Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HCS03-Q1 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HCS03-Q1
Szczegółowy opis  SN74HCS03-Q1 Automotive Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS03-Q1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74HCS03-Q1 Datasheet HTML 2Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 3Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 4Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 5Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 6Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 7Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 8Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 9Page - Texas Instruments SN74HCS03-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
VI ± Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
VCC = 4.5 V
VCC = 5 V
VCC = 6 V
Output Sink Current (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
26
28
30
32
34
36
38
40
42
44
46
VCC = 2 V
VCC = 3.3 V
VCC = 4.5 V
VCC = 6 V
VI ± Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
VCC = 2 V
VCC = 2.5 V
VCC = 3.3 V
6
SN74HCS03-Q1
SCLS759 – APRIL 2020
www.ti.com
Product Folder Links: SN74HCS03-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.8 Typical Characteristics
TA = 25°C
Figure 1. Output driver resistance in Low state
Figure 2. Typical supply current versus input voltage across
common supply values (2 V to 3.3 V)
Figure 3. Typical supply current versus input voltage across common supply values (4.5 V to 6 V)


Podobny numer części - SN74HCS03-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HCS03 TI1-SN74HCS03 Datasheet
283Kb / 15P
[Old version datasheet]   SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS03DR TI1-SN74HCS03DR Datasheet
283Kb / 15P
[Old version datasheet]   SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS03PWR TI1-SN74HCS03PWR Datasheet
283Kb / 15P
[Old version datasheet]   SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
More results

Podobny opis - SN74HCS03-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HCS03 TI1-SN74HCS03 Datasheet
283Kb / 15P
[Old version datasheet]   SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS09-Q1 TI1-SN74HCS09-Q1 Datasheet
283Kb / 16P
[Old version datasheet]   SN74HCS09-Q1 Automotive Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS266-Q1 TI1-SN74HCS266-Q1 Datasheet
339Kb / 15P
[Old version datasheet]   SN74HCS266-Q1 Automotive Quadruple 2-Input XNOR gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS00-Q1 TI1-SN74HCS00-Q1_V01 Datasheet
340Kb / 18P
[Old version datasheet]   SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI1-SN74HCS00-Q1 Datasheet
300Kb / 17P
[Old version datasheet]   SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI-SN74HCS00-Q1_V02 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI-SN74HCS00-Q1_V03 Datasheet
2Mb / 30P
[Old version datasheet]   SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS09 TI1-SN74HCS09 Datasheet
283Kb / 16P
[Old version datasheet]   SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS266 TI1-SN74HCS266 Datasheet
1Mb / 21P
[Old version datasheet]   SN74HCS266 Quadruple 2-Input XNOR gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V03 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com