Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCAN1044-Q1 Arkusz danych(PDF) 14 Page - Texas Instruments

Numer części TCAN1044-Q1
Szczegółowy opis  TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1044-Q1 Arkusz danych(HTML) 14 Page - Texas Instruments

Back Button TCAN1044-Q1_V02 Datasheet HTML 10Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 11Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 12Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 13Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 14Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 15Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 16Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 17Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
TCAN1044-Q1, TCAN1044V-Q1
SLLSF17A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TCAN1044-Q1 TCAN1044V-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TCAN1044-Q1 meets or exceeds the specifications of the ISO 11898-2:2016 high speed CAN (Controller
Area Network) physical layer standard. The device has been certified to the requirements of ISO 11898-2:2016
and ISO 11898-5:2007 physical layer requirements according to the GIFT/ICT high speed CAN test specification.
The transceiver provides a number of different protection features making it ideal for the stringent automotive
system requirements while also supporting CAN FD data rates up to 8 Mbps.
The TCAN1044-Q1 conforms to the following CAN standards:
CAN Transceiver Physical Layer Standards
ISO 11898-2:2016 High speed medium access unit
ISO 11898-5:2007 High speed medium access unit with low-power mode
SAE J2284-1: High Speed CAN (HSC) for Vehicle Applications at 125 kbps
SAE J2284-2: High Speed CAN (HSC) for Vehicle Applications at 250 kbps
SAE J2284-3: High Speed CAN (HSC) for Vehicle Applications at 500 kbps
SAE J2284-4: High-Speed CAN (HSC) for Vehicle Applications at 500 kbps with CAN FD Data at 2 Mbps
SAE J2284-5: High-Speed CAN (HSC) for Vehicle Applications at 500 kbps with CAN FD Data at 5 Mbps
ARINC 825-4 General Standardization of CAN (Controller Area Network) Bus Protocol For Airborne Use
VeLIO (Vehicle LAN Interoperability and Optimization) CAN and CAN-FD Transceiver Requirements
EMC requirements:
SAE J2962-2 Communication Transceivers Qualification Requirements – CAN
Conformance Test requirements:
ISO 16845-2 Road vehicles – Controller area network (CAN) conformance test plan Part 2: High-speed
medium access unit conformance test plan


Podobny numer części - TCAN1044-Q1_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
More results

Podobny opis - TCAN1044-Q1_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1057A-Q1 TI-TCAN1057A-Q1_V02 Datasheet
951Kb / 25P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
REVISED NOVEMBER 2021
TCAN1057A-Q1 TI-TCAN1057A-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1057A-Q1 TI-TCAN1057A-Q1_V03 Datasheet
2Mb / 39P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
NOVEMBER 2021
TCAN1057A-Q1 TI-TCAN1057A-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TCAN1057A-Q1 And TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com