Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCAN1044-Q1 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TCAN1044-Q1
Szczegółowy opis  TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1044-Q1 Arkusz danych(HTML) 3 Page - Texas Instruments

  TCAN1044-Q1_V02 Datasheet HTML 1Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 2Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 3Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 4Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 5Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 6Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 7Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 8Page - Texas Instruments TCAN1044-Q1_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
TXD
8
STB
2
GND
7
CANH
3
VCC
6
CANL
4
RXD
5
NC,VIO
Not to scale
Thermal
Pad
1
TX D
8
STB
2
GND
7
CA NH
3
VCC
6
CA NL
4
RX D
5
NC, VIO
No t to scale
1
TX D
8
STB
2
GND
7
CA NH
3
VCC
6
CA NL
4
RX D
5
NC, VIO
No t to scale
3
TCAN1044-Q1, TCAN1044V-Q1
www.ti.com
SLLSF17A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: TCAN1044-Q1 TCAN1044V-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DDF Package TCAN1044(V)-Q1
8-Pin SOT
Top View
D Package TCAN1044(V)-Q1
8-Pin SOIC
Top View
DRB Package TCAN1044(V)-Q1
8-Pin VSON
Top View
Pin Functions
Pins
Type
Description
Name
No.
TXD
1
Digital Input
CAN transmit data input
GND
2
GND
Ground connection
VCC
3
Supply
5-V supply voltage
RXD
4
Digital Output CAN receive data output, tri-state when powered off
NC
5
No Connect (not internally connected); Devices without VIO
VIO
Supply
IO supply voltage
CANL
6
Bus IO
Low-level CAN bus input/output line
CANH
7
Bus IO
High-level CAN bus input/output line
STB
8
Digital Input
Standby input for mode control, integrated pull up
Thermal Pad (VSON only)
Electrically connected to GND, connect the thermal pad to the printed circuit board
(PCB) ground plane for thermal relief


Podobny numer części - TCAN1044-Q1_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
More results

Podobny opis - TCAN1044-Q1_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1057A-Q1 TI-TCAN1057A-Q1_V02 Datasheet
951Kb / 25P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
REVISED NOVEMBER 2021
TCAN1057A-Q1 TI-TCAN1057A-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1057A-Q1 TI-TCAN1057A-Q1_V03 Datasheet
2Mb / 39P
[Old version datasheet]   TCAN1057A-Q1 and TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
NOVEMBER 2021
TCAN1057A-Q1 TI-TCAN1057A-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TCAN1057A-Q1 And TCAN1057AV-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com