Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLIN1028-Q1 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TLIN1028-Q1
Szczegółowy opis  TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1028-Q1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TLIN1028-Q1_V01 Datasheet HTML 6Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 7Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 8Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 9Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 10Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 11Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 12Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 13Page - Texas Instruments TLIN1028-Q1_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
5
2
3
6
8
1
4
3
Measurement Tools
O-scope:
DMM
Power Supply 1
Resolution: 10mV/ 1mA
Accuracy: 0.2%
VPS1
V
CC
EN
VCC
LIN
GND
VSUP
Power Supply 2
Resolution: 10mV/ 1mA
Accuracy: 0.2%
VPS2
D
RBUS
5
2
7
6
8
1
4
3
Pulse Generator
tR/tF
: Square Wave: < 20 ns
tR/tF
: Triangle Wave: < 40ns
Frequency: 20 Hz
Jitter: < 25 ns
Measurement Tools
O-scope:
DMM
Power Supply
Resolution: 10mV/ 1mA
Accuracy: 0.2%
VPS
RXD
EN
VCC
LIN
GND
VSUP
V
CC
10
TLIN1028-Q1
SLLSEX4 – AUGUST 2019
www.ti.com
Product Folder Links: TLIN1028-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Test Circuit: Diagrams and Waveforms (continued)
Figure 4. LIN Receiver Test with RX access
Figure 5. VSUP_NON_OP Test Circuit


Podobny numer części - TLIN1028-Q1_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLIN1028-Q1 TI1-TLIN1028-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
More results

Podobny opis - TLIN1028-Q1_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLIN1028-Q1 TI1-TLIN1028-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
TLIN1441-Q1 TI1-TLIN1441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN2441-Q1 TI1-TLIN2441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
TLIN2027-Q1 TI1-TLIN2027-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TLIN2027-Q1 Fault Protected Local Interconnect Network (LIN) Transceiver
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com