Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLV751 Arkusz danych(PDF) 15 Page - Texas Instruments

Numer części TLV751
Szczegółowy opis  TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TLV751 Arkusz danych(HTML) 15 Page - Texas Instruments

Back Button TLV751_V01 Datasheet HTML 11Page - Texas Instruments TLV751_V01 Datasheet HTML 12Page - Texas Instruments TLV751_V01 Datasheet HTML 13Page - Texas Instruments TLV751_V01 Datasheet HTML 14Page - Texas Instruments TLV751_V01 Datasheet HTML 15Page - Texas Instruments TLV751_V01 Datasheet HTML 16Page - Texas Instruments TLV751_V01 Datasheet HTML 17Page - Texas Instruments TLV751_V01 Datasheet HTML 18Page - Texas Instruments TLV751_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
TLV751
www.ti.com
SBVS385B – DECEMBER 2019 – REVISED APRIL 2020
Product Folder Links: TLV751
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Device Functional Mode Comparison
The Device Functional Mode Comparison table shows the conditions that lead to the different modes of
operation. See the Electrical Characteristics table for parameter values.
Table 1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
VEN
IOUT
TJ
Normal operation
VIN > VOUT(nom) + VDO and VIN > VIN(min)
VEN > VEN(HI)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Dropout operation
VIN(min) < VIN < VOUT(nom) + VDO
VEN > VEN(HI)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Disabled
(any true condition
disables the device)
VIN < VUVLO
VEN < VEN(LOW)
Not applicable
TJ > TSD(shutdown)
7.4.2 Normal Operation
The device regulates to the nominal output voltage when the following conditions are met:
The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(nom) + VDO)
The output current is less than the current limit (IOUT < ICL)
The device junction temperature is less than the thermal shutdown temperature (TJ < TSD)
The enable voltage has previously exceeded the enable rising threshold voltage and has not yet decreased to
less than the enable falling threshold
7.4.3 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this mode, the output voltage
tracks the input voltage. During this mode, the transient performance of the device becomes significantly
degraded because the pass transistor is in the ohmic or triode region, and acts as a switch. Line or load
transients in dropout can result in large output-voltage deviations.
When the device is in a steady dropout state (defined as when the device is in dropout, VIN < VOUT(NOM) + VDO,
directly after being in a normal regulation state, but not during startup), the pass transistor is driven into the
ohmic or triode region. When the input voltage returns to a value greater than or equal to the nominal output
voltage plus the dropout voltage (VOUT(NOM) + VDO), the output voltage can overshoot for a short period of time
while the device pulls the pass transistor back into the linear region.
7.4.4 Disabled
The output of the device can be shutdown by forcing the voltage of the enable pin to less than the maximum EN
pin low-level input voltage (see the Electrical Characteristics table). When disabled, the pass transistor is turned
off, internal circuits are shutdown, and the output voltage is actively discharged to ground by an internal
discharge circuit from the output to ground.


Podobny numer części - TLV751_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLV75101PDSQR TI1-TLV75101PDSQR Datasheet
2Mb / 29P
[Old version datasheet]   TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV75101PDSQT TI1-TLV75101PDSQT Datasheet
2Mb / 29P
[Old version datasheet]   TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
More results

Podobny opis - TLV751_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
[Old version datasheet]   TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
[Old version datasheet]   500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
[Old version datasheet]   500-mA, high-accuracy, adjustable LDO in a small size package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
[Old version datasheet]   TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com