Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


HR3IMA16C1 Datasheet(Arkusz danych) 2 Page - Schneider Electric

Numer części HR3IMA16C1
Szczegółowy opis  Surge Protect - IMA - HR - 160kA - 240/120VAC delta - 3P4W - T1
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo 

   
 2 page
background image
Depth
5.59 in (142.1 mm)
Cable length
19.02 in (483 mm)
Environment
Enclosure Rating
NEMA 1
Standards
UL 1449:ed. 3
CSA C22.2 No 8:1986
UL 96A:ed. 12
UL 489:ed. 11
CSA C22.2 No 5-09
Ordering and shipping details
Category
08460 - SURGE PROTECTION I-LINE
Discount Schedule
DE1B
Returnability
No
Country of origin
MX
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds which is
known to the State of California to cause Carcinogen & Reproductive harm. For more information go
to www.p65warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
2




Html Pages

1  2 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl