Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


HR3IMA24C Datasheet(Arkusz danych) 1 Page - Schneider Electric

Numer części HR3IMA24C
Szczegółowy opis  Surge Protect - IMA - HR - 240kA - 240/120VAC delta - 3P4W - T2
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo 

   
 1 page
background image
Product data sheet
Characteristics
HR3IMA24C
Surge Protect - IMA - HR - 240kA - 240/120VAC
delta - 3P4W - T2
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 16,170.00 USD
Main
Product
Surge protection device
Range
Surgelogic
Device Short Name
IMA
Type
HR
Complementary
Surge Current
240 kA
Voltage Rating
240/120 V delta AC
Number of Phases
3 phase
Wiring Configuration
4-wire
Connection
I-Line line
Lugs ground AWG 6 copper 35.40 lbf.in (4 N.m)
Lugs neutral AWG 6 copper 35.40 lbf.in (4 N.m)
MCOV
150 V
Max Number of Poles
3
Rated Current
60 A
Breaking Capacity
100 kA
Trip Unit Technology
Electronic
SCCR
200 kA
Local Signalling
Status LED green per phase normal operation
Status LED red per phase fault
Provided Equipment
Alarm enable/disable switch
Surge counter
Circuit breaker
Mounting Support
Panel mounting
Height
12.16 in (308.9 mm)
Width
13.46 in (341.9 mm)
May 15, 2020
1




Html Pages

1  2 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl