Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HR6IMA12C Arkusz danych(PDF) 1 Page - Schneider Electric

Numer części HR6IMA12C
Szczegółowy opis  Surge Protect - IMA - HR - 120kA - 240VAC delta - 3P3W - T2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HR6IMA12C Arkusz danych(HTML) 1 Page - Schneider Electric

  HR6IMA12C Datasheet HTML 1Page - Schneider Electric HR6IMA12C Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HR6IMA12C
Surge Protect - IMA - HR - 120kA - 240VAC delta
- 3P3W - T2
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 10,562.00 USD
Main
Product
Surge protection device
Range
Surgelogic
Device Short Name
IMA
Type
HR
Complementary
Surge Current
120 kA
Voltage Rating
240 V delta AC
Number of Phases
3 phase
Wiring Configuration
3-wire
Connection
I-Line line
Lugs ground AWG 6 copper 35.40 lbf.in (4 N.m)
Lugs neutral AWG 6 copper 35.40 lbf.in (4 N.m)
MCOV
320 V
Max Number of Poles
3
Rated Current
60 A
Breaking Capacity
100 kA
Trip Unit Technology
Electronic
SCCR
200 kA
Local Signalling
Status LED green per phase normal operation
Status LED red per phase fault
Provided Equipment
Alarm enable/disable switch
Surge counter
Circuit breaker
Mounting Support
Panel mounting
Height
12.16 in (308.9 mm)
Width
13.46 in (341.9 mm)
May 15, 2020
1


Podobny numer części - HR6IMA12C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
HR6IMA12C1 SCHNEIDER-HR6IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 240VAC delta - 3P3W - T1
More results

Podobny opis - HR6IMA12C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
TVS6IMA12O SCHNEIDER-TVS6IMA12O Datasheet
101Kb / 2P
   Surge Protect - IMA - 120kA - 240VAC delta - 3P3W - T2
HR6IMA12C1 SCHNEIDER-HR6IMA12C1 Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 240VAC delta - 3P3W - T1
HR5IMA12C SCHNEIDER-HR5IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 480VAC delta - 3P3W - T2
HR9IMA12C SCHNEIDER-HR9IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 600VAC delta - 3P3W - T2
HR6IMA10C SCHNEIDER-HR6IMA10C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 240VAC delta - 3P3W - T2
HR6IMA24C SCHNEIDER-HR6IMA24C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 240VAC delta - 3P3W - T2
HR6IMA16C SCHNEIDER-HR6IMA16C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 240VAC delta - 3P3W - T2
HR6IMA20C SCHNEIDER-HR6IMA20C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 200kA - 240VAC delta - 3P3W - T2
HL6IMA12C SCHNEIDER-HL6IMA12C Datasheet
151Kb / 2P
   Surge Protect - IMA - HL - 120kA - 240VAC delta - 3P3W - T2
TVS9IMA12O SCHNEIDER-TVS9IMA12O Datasheet
101Kb / 2P
   Surge Protect - IMA - 120kA - 600VAC delta - 3P3W - T2
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com