Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-47199.MP5 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części HLMP-47199.MP5
Szczegółowy opis  PCB MOUNT LED INDICATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-47199.MP5 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  HLMP-47199.MP5 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-47199.MP5 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-47199.MP5 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-47199.MP5 Datasheet HTML 4Page - Fairchild Semiconductor HLMP-47199.MP5 Datasheet HTML 5Page - Fairchild Semiconductor HLMP-47199.MP5 Datasheet HTML 6Page - Fairchild Semiconductor HLMP-47199.MP5 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGE DIMENSIONS
12/11/02
Page 5 of 7
© 2002 Fairchild Semiconductor Corporation
PCB MOUNT LED INDICATORS
Specific Notes:
For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration.
Options — To obtain units in multiples of two add a "-2" suffix to the part number (i.e. MV64539.MP8-2). To
obtain units in multiples of three add a "-3" suffix.
General Notes:
1. All dimensions are in inches (mm).
2. Tolerance is ±0.15 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored diffused lens except those with an asterisk (*), which denotes colored clear lens.
5. A double asterisk (**) denotes that the cathode, as indicated, is the red cathode for the RED/GRN
bicolor LED.
6. Custom color combinations are available.
T-1 3/4 (5mm) multiple
Part Number
Color
View
Angle
(°)
VF
mcd
@
mA
DIM A
PKG.
FIG.
in.
(mm)
MV60538.MP8B
MV63538.MP8B
MV64538.MP8B
MV67538.MP8B
RED
YLW
GRN
H-E RED
65
65
65
65
1.7
2.1
2.2
2.1
2.0
18.0
26.0
14.0
20
20
20
20
.140
.140
.140
.140
(3.56)
(3.56)
(3.56)
(3.56)
8B
8B
8B
8B
MV60539.MP8B
MV63539.MP8B
MV64539.MP8B
MV67539.MP8B
RED
YLW
GRN
H-E RED
65
65
65
65
1.7
2.1
2.2
2.1
3.2
20.0
28.0
15.0
20
20
20
20
.195
.195
.195
.195
(4.95)
(4.95)
(4.95)
(4.95)
8B
8B
8B
8B
LOW CURRENT (2mA)
HLMP-47009.MP8B
HLMP-47199.MP8B
HLMP-47409.MP8B
H-E RED
YLW
GRN
45
45
45
1.8
1.9
1.9
2.0
2.0
3.0
2
2
2
.195
.195
.195
(4.95)
(4.95)
(4.95)
8B
8B
8B
ULTRA BRIGHT
MV33509.MP8B
MV34509.MP8B
MV37509.MP8B
YLW*
GRN*
H-E RED*
24
24
24
2.2
2.2
2.2
150.0
150.0
150.0
20
20
20
.195
.195
.195
(4.95)
(4.95)
(4.95)
8B
8B
8B
BICOLOR**
MV54919.MP8B
RED/GRN
100
2.3
6.0
20
.195
(4.95)
8B
T-1 3/4 (5mm) bilevel
Part Number
Color
View
Angle
(°)
VF
mcd
@
mA
PKG.
FIG.
MV60539.MP90
MV63539.MP93
MV64539.MP94
MV67539.MP97
RED/RED
YLW/YLW
GRN/GRN
H-E RED/H-E RED
65
65
65
65
1.7
2.1
2.2
2.1
3.2
20.0
28.0
15.0
20
20
20
20
9
9
9
9
LOW CURRENT (2mA)
HLMP-47009.MP97
HLMP-47199.MP93
HLMP-47409.MP94
H-E RED/H-E RED
YLW/YLW
GRN/GRN
45
45
45
1.8
1.9
1.9
2.0
2.0
3.0
2
2
2
9
9
9
ULTRA BRIGHT
MV33509.MP93
MV34509.MP94
MV37509.MP97
YLW/YLW *
GRN/GRN *
H-E RED/H-E RED*
24
24
24
2.2
2.2
2.2
150.0
150.0
150.0
20
20
20
9
9
9
BICOLOR**
MV54919.MP91
R/G/ R/G
100
2.3
6.0
20
9
.355 (9.02)
.50 REF
(12.7)
.195
(4.95)
DIM A
.190
(4.83)
.145 MIN
(3.68)
.250 TYP
(6.35)
.250
(6.35)
.250 TYP
(6.35)
1.01 (25.65)
.020 TYP
(.51)
CATHODE**
.100 TYP
(2.54)
Fig. - 8B
.244
(6.20)
.035
(.89)
.500
(12.7)
.183
(4.65)
.440
(11.10)
.145 MIN
(3.60)
.279 (6.86)
.230 (5.84)
.185 TYP
(4.70)
.090 ± 0.20
(2.29)
.020
(.51)
CATHODE**
.100
(2.54)
.230 (5.84)
.190 (4.83)
Fig. - 9
Parts are stackable
Specific Notes:
For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration.
Options — To obtain units in multiples of two add a "-2" suffix to the part number (i.e.
MV64539.MP8-2). To obtain units in multiples of three add a "-3" suffix.


Podobny numer części - HLMP-47199.MP5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-47199.MP5 QT-HLMP-47199.MP5 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
HLMP-47199.MP5 QT-HLMP-47199.MP5 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Podobny opis - HLMP-47199.MP5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
MV5000 QT-MV5000 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com