Zakładka z wyszukiwarką danych komponentów |
|
MV34509.MP8A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
MV34509.MP8A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page PACKAGE DIMENSIONS 12/11/02 Page 2 of 7 © 2002 Fairchild Semiconductor Corporation PCB MOUNT LED INDICATORS General Notes: 1. All dimensions are in inches (mm). 2. Tolerance is ±0.15 (± .38) unless otherwise specified. 3. All electrical values are typical. 4. All parts have colored diffused lens except those with an asterisk (*), which denotes colored clear lens. 5. A double asterisk (**) denotes that the cathode, as indicated, is the red cathode for the RED/GRN bicolor LED. 6. Custom color combinations are available. T-1 3/4 (5mm) Part Number Color View Angle (°) VF mcd @ mA DIM A PKG. FIG. in. (mm) MV60538.MP5 MV63538.MP5 MV64538.MP5 MV67538.MP5 RED YLW GRN H-E RED 65 65 65 65 1.7 2.1 2.2 2.1 2.0 18.0 26.0 14.0 20 20 20 20 .125 .125 .125 .125 (3.18) (3.18) (3.18) (3.18) 5 5 5 5 MV60539.MP5 MV63539.MP5 MV64539.MP5 MV67539.MP5 RED YLW GRN H-E RED 65 65 65 65 1.7 2.1 2.2 2.1 3.2 20.0 28.0 15.0 20 20 20 20 .180 .180 .180 .180 (4.57) (4.57) (4.57) (4.57) 5 5 5 5 LOW CURRENT (2mA) HLMP-47009.MP5 HLMP-47199.MP5 HLMP-47409.MP5 H-E RED YLW GRN 45 45 45 1.8 1.9 1.9 2.0 2.0 3.0 2 2 2 .180 .180 .180 (4.57) (4.57) (4.57) 5 5 5 AlGaAs RED HLMP-D1019.MP5 HLMP-D1509.MP5 AlGaAs RED AlGaAs RED 65 24 1.8 1.6 70.0 3.0 20 1 .180 .180 (4.57) (4.57) 5 5 ULTRA BRIGHT MV33509.MP5 MV34509.MP5 MV37509.MP5 YLW* GRN* H-E RED* 24 24 24 2.2 2.2 2.2 150.0 150.0 150.0 20 20 20 .180 .180 .180 (4.57) (4.57) (4.57) 5 5 5 BICOLOR** MV54919.MP5 RED/GRN 100 2.3 6.0 20 .180 (4.57) 5 MAX .245 (6.22) MAX .245 (6.22) DIM A CATHODE .190 DIA. (4.63) .020 (.51) .145 (3.68) .100 (2.54) .100 (2.54) .242 (6.15) .222 (5.64) Fig. - 5 |
Podobny numer części - MV34509.MP8A |
|
Podobny opis - MV34509.MP8A |