Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1122A450 Arkusz danych(PDF) 2 Page - Littelfuse

Numer części SL1122A450
Szczegółowy opis  Gas Discharge Tubes - High Performance Alpha Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1122A450 Arkusz danych(HTML) 2 Page - Littelfuse

  SL1122A450 Datasheet HTML 1Page - Littelfuse SL1122A450 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
348
www .littelfuse .com
Gas Discharge Tubes
CCT DIAGRAM
LITTELFUSE 3 TERMINAL ARRESTER SERIES
TOTALLY NON-RADIOACTIVE, UL BREAKER VOLTAGE
Notes:
(1) Measured using a voltage rate of rise of 100V/s.
(2) In ionized mode
(3) Tested according to ITU-T Rec.K.12
(4) Either end electrode to center electrode
(5) Total current through center electrode, both line electrodes subject to simultaneous pulses
(6) 10 shots, AC 60Hz, 1 sec duration
(7) 10 shots, 8/20µs waveform
(8) Measured @ 100V
(9) Measured at MHz, line to ground
Part Number
SL1122A090
SL1122A200
SL1122A230
SL1122A250
SL1122A260
SL1122A350
SL1122A450
DC
Voltage
(V)
90
200
230
250
260
350
450
Breakover
Voltage1,2,4
(V)
70-120
140-250
184-276
200-300
210-350
280-420
420-600
Max Dynamic
Breakover
Voltage @
1 kV/us (Vbr)
150
250
350
400
400
600
700
Max
Repetitive
Impulse
Discharge
Current4,7 (kA)
5
5
5
5
5
5
5
Max
Repetitive
Impulse
Discharge
Current5,7 (kA)
10
10
10
10
10
10
10
Alternating
Discharge
Current4,6
(A)
5
5
5
5
5
5
5
I
nsulation
Resistance8
(Ω)
1x108 @ 50V
1x108 @ 120V
1x108 @ 150V
1x108 @ 150V
1x108 @ 175V
1x108 @ 265V
1x108 @ 350V
Max
Capacitance9
(pF)
200
100
100
100
100
100
100
Greentube™ SL1122A Series Hybrid Gas Plasma Arresters
High Performance Alpha Range
Holdover
Voltage3
(V)
50
120
135
135
135
135
135
Nominal
On-State
Voltage @
1A (V)
20
20
20
20
20
20
20
®
HYBRID
G.D.T. ONLY
RoHS


Podobny numer części - SL1122A450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
   One piece cast aluminum cage
More results

Podobny opis - SL1122A450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
HV275A LITTELFUSE-HV275A Datasheet
80Kb / 2P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A LITTELFUSE-SL1011A Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1021A LITTELFUSE-SL1021A Datasheet
272Kb / 4P
   Gas Discharge Tubes - High Performance Beta Range
SL1024B LITTELFUSE-SL1024B Datasheet
202Kb / 3P
   Gas Discharge Tubes - Omega Range
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com