Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HA-2529883 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części HA-2529883
Szczegółowy opis  Uncompensated, High Slew Rate High Output Current, Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2529883 Arkusz danych(HTML) 3 Page - Intersil Corporation

  HA-2529883 Datasheet HTML 1Page - Intersil Corporation HA-2529883 Datasheet HTML 2Page - Intersil Corporation HA-2529883 Datasheet HTML 3Page - Intersil Corporation HA-2529883 Datasheet HTML 4Page - Intersil Corporation HA-2529883 Datasheet HTML 5Page - Intersil Corporation HA-2529883 Datasheet HTML 6Page - Intersil Corporation HA-2529883 Datasheet HTML 7Page - Intersil Corporation HA-2529883 Datasheet HTML 8Page - Intersil Corporation HA-2529883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Output Current
+IOUT
VOUT = -10V
4
25
30
-
mA
5, 6
125, -55
20
-
mA
-IOUT
VOUT = +10V
4
25
-
-30
mA
5, 6
125, -55
-
-20
mA
Quiescent Power Supply
Current
+ICC
VOUT = 0V, IOUT = 0mA
1
25
-
6
mA
2, 3
125, -55
-
7
mA
-ICC
VOUT = 0V, IOUT = 0mA
1
25
-6
-
mA
2, 3
125, -55
-7
-
mA
Power Supply
Rejection Ratio
+PSRR
∆VSUP = 10V, V+ = +20V,
V- = -15V, V+ = +10V, V- = -15V
125
80
-
dB
2, 3
125, -55
80
-
dB
-PSRR
∆VSUP = 10V, V+ = +15V,
V- = -20V, V+ = +15V, V- = -10V
125
80
-
dB
2, 3
125, -55
80
-
dB
Offset Voltage
Adjustment
+VIOAdj
Note 2
1
25
VIO-1
-
mV
2, 3
125, -55
VIO-1
-
mV
-VIOAdj
Note 2
1
25
VIO+1
-
mV
2, 3
125, -55
VIO+1
-
mV
NOTE:
2. Offset adjustment range is [VIO(Measured) ±1mV] minimum referred to output. This test is for functionality only to assure adjustment
through 0V.
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RSOURCE = 50Ω, RLOAD = 2kΩ, CLOAD = 50pF, AVCL = +3V/V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMP. (oC)
MIN
MAX
UNITS
Slew Rate
+SR
VOUT = -5V to +5V
25%
≤ +SR ≤ 75%
7
25
135
-
V/
µs
8A, 8B
125, -55
125
-
V/
µs
-SR
VOUT = +5V to -5V
75%
≥ -SR ≥ 25%
7
25
135
-
V/
µs
8A, 8B
125, -55
125
-
V/
µs
Rise and Fall Time
tr
VOUT = 0 to +200mV
10%
≤ tr ≤ 90%
7
25
-
45
ns
8A, 8B
125, -55
-
50
ns
tf
VOUT = 0 to -200mV
10%
≤ tf ≤ 90%
7
25
-
45
ns
8A, 8B
125, -55
-
50
ns
Overshoot
+OS
VOUT = 0 to +200mV
7
25
-
40
%
8A, 8B
125, -55
-
40
%
-OS
VOUT = 0 to -200mV
7
25
-
40
%
8A, 8B
125, -55
-
40
%
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Tested at: VSUPPLY = ±15V, RSOURCE = 100Ω, RLOAD = 500kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMP.
(oC)
MIN
MAX
UNITS
HA-2529/883
Spec Number
511025-883


Podobny numer części - HA-2529883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HA-2529 INTERSIL-HA-2529 Datasheet
401Kb / 8P
   20MHz, High Input Impedance, High Slew Rate Operational Amplifier
More results

Podobny opis - HA-2529883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com