Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN-40-10-I-P-A Arkusz danych(PDF) 1 Page - Festo Corporation.

Numer części ADN-40-10-I-P-A
Szczegółowy opis  Compact air cylinder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FESTO [Festo Corporation.]
Strona internetowa  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

ADN-40-10-I-P-A Arkusz danych(HTML) 1 Page - Festo Corporation.

  ADN-40-10-I-P-A Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
ADN-40-10-I-P-A
Part number: 536300
Data sheet
Feature
Value
Stroke
10 mm
Piston diameter
40 mm
Piston rod thread
M8
Type code
ADN
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Conforms to standard
ISO 21287
Piston rod end
Internal thread
Position sensing
For proximity sensor
Symbol
00991217
Variants
Piston rod at one end
Operating pressure
0.6 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.7 J
Theoretical force at 6 bar, retracting
686 N
Theoretical force at 6 bar, advancing
754 N
Moving mass at 0 mm stroke
80 g
Additional weight per 10 mm stroke
37 g
Basic weight with 0 mm stroke
346 g
Additional moving mass per 10 mm stroke
9 g
Type of mounting
Optionally:
With through-hole
With accessories
With internal thread
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
Anodized
Aluminum
Seals material
TPE-U(PUR)
Piston rod material
High-alloy steel
Material of cylinder barrel
Wrought aluminum alloy
Smooth anodized
6/21/20 - Subject to change - Festo AG & Co. KG
1/1


Podobny numer części - ADN-40-10-I-P-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
ADN-40-10-I-PPS-A FESTO-ADN-40-10-I-PPS-A Datasheet
88Kb / 1P
   Compact air cylinder
More results

Podobny opis - ADN-40-10-I-P-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
   Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
   Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
   Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
   Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
   Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
   Compact air cylinder
11/30/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
   Compact air cylinder
12/2/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
   Compact air cylinder
11/30/21
8091446 FESTO-8091446 Datasheet
93Kb / 1P
   Compact air cylinder
12/2/21
8091448 FESTO-8091448 Datasheet
92Kb / 1P
   Compact air cylinder
12/2/21
8092108 FESTO-8092108 Datasheet
92Kb / 1P
   Compact air cylinder
12/2/21
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com