Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SDM9926 Arkusz danych(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Numer części SDM9926
Szczegółowy opis  Dual N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SDM9926 Arkusz danych(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SDM9926 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SDM9926 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SDM9926 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SDM9926 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SDM9926 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SDM9926 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SDM9926 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.025 at VGS = 4.5 V
7.1
0.035 at VGS = 2.5 V
6.0
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Surface Mounted on FR4 board, t
≤ 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
7.1
A
TA = 70 °C
5.7
Pulsed Drain Current (10 µs Pulse Width)
IDM
40
Continuous Source Current (Diode Conduction)a
IS
1.7
Maximum Power Dissipationa
TA = 25 °C
PD
2
W
TA = 70 °C
1.3
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Maximum Junction-to-Ambienta
RthJA
62.5
°C/W
Dual N-Channel 20-V (D-S) MOSFET
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SDM9926
1


Podobny numer części - SDM9926

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SDM9926 SAMHOP-SDM9926 Datasheet
571Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
SDM9926A SAMHOP-SDM9926A Datasheet
351Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Podobny opis - SDM9926

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com